Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR02 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PR02
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Datasheet(HTML) 4 Page - Vishay Siliconix

  PR02 Datasheet HTML 1Page - Vishay Siliconix PR02 Datasheet HTML 2Page - Vishay Siliconix PR02 Datasheet HTML 3Page - Vishay Siliconix PR02 Datasheet HTML 4Page - Vishay Siliconix PR02 Datasheet HTML 5Page - Vishay Siliconix PR02 Datasheet HTML 6Page - Vishay Siliconix PR02 Datasheet HTML 7Page - Vishay Siliconix PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28729
4
Revision: 24-Feb-04
PR01/02/03
Vishay BCcomponents
Power Metal Film Resistors
MARKING
The nominal resistance and tolerance are marked on the
resistor using four coloured bands in accordance with IEC
publication 60062, “Colour codes for fixed resistors”.
OUTLINES
The length of the body (L1) is measured by inserting the leads
into holes of two identical gauge plates and moving these
plates parallel to each other until the resistor body is clamped
without deformation (“IEC publication 60294”).
MOUNTING
The resistors are suitable for processing on automatic
insertion equipment and cutting and bending machines.
Note
1. Recommended minimum value.
MASS PER 100 UNITS
TYPE
MASS
(g)
PR01
28
PR02
62
PR03
120
MOUNTING PITCH
TYPE
LEAD STYLE
PITCH
mm
e
PR01
straight leads
12.5(1)
5(1)
radial taped
4.8
2
double kink large pitch
17.8
7
double kink small pitch
12.5
5
PR02
straight leads
15.0(1)
6(1)
radial taped
4.8
2
double kink large pitch
17.8
7
double kink small pitch
15.0
6
PR03
straight leads
23.0(1)
9(1)
double kink large pitch
25.4
10
double kink small pitch
20.0
8
FUNCTIONAL DESCRIPTION
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the E96/E24 series for resistors with a tolerance of ± 1 % or ± 5 %.
The values of the E96/E24 series are in accordance with “IEC publication 60063”.
FUNCTIONAL PERFORMANCE
1.00
0.75
0.50
0.25
P
(W)
Tamb = 40°C
70°C
100 °C
125 °C
155 °C
205 °C
Tm (°C)
∆ R
0.1%
0.2
0.5
1.0
2.0
5.0
10
< 1
kΩ
< 30
kΩ
> 30
kΩ
PR01 Drift nomogram.
P
(W)
T
(°C)
m
2.00
1.50
1.00
0.50
T
=
amb
40 °C
70 °C
100 °C
125 °C
155 °C
220 °C
∆ R
10
00
0 h
100000
h
39 k
Ω
1 k
Ω
39 k
Ω
10
5.0
2.0
1.0
0.5
0.2
0.1 %
PR02 Drift nomogram.
Note
1. The maximum voltage that may be continuously applied to the
resistor element, see “IEC publication 60115-1”.
The maximum permissible hot-spot temperature is 205 °C for PR01,
220 °C for PR02 and 250 °C for PR03.
P
(W)
T (°C)
m
3.00
2.25
1.50
0.75
T
=
amb
40 °C
70 °C
100 °C
125 °C
155 °C
250 °C
∆ R
10000
h
100000
h
51
kΩ
1 k
Ω
51 k
Ω
10
5.0
2.0
1.0
0.5
0.2
0.1 %
10
00
h
PR03 Drift nomogram.
LIMITING VALUES
TYPE
LEAD
MATERIAL
RANGE
LIMITING
VOLTAGE(1)
(V)
LIMITING
POWER
(W)
PR01
Cu
R < 1 Ω
350
0.6
1 Ω ≤ R
1.0
PR02
Cu
R < 1 Ω
500
1.2
1 Ω ≤ R
2.0
FeCu
1 Ω ≤ R
1.3
PR03
Cu
R < 1 Ω
750
1.6
1 Ω ≤ R
3.0
FeCu
1 Ω ≤ R
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com