Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSFPDD Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # QSFPDD
Description  QSFP DD Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

QSFPDD Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  QSFPDD Datasheet HTML 1Page - Amphenol Communications Solutions QSFPDD Datasheet HTML 2Page - Amphenol Communications Solutions QSFPDD Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
QSFP DD Connectors
MATERIAL
§
§
Housing: Black color, glass reinforced, lead free
solder reflow process compatible thermo plastic
§
§
Contacts base material: High performance
copper alloy
§
§
Plating solder tails: Matte tin
§
§
Plating mating area: Gold
§
§
Resonance dampening feature: Conductive
polymer
MECHANICAL PERFORMANCE
§
§
Durability: 100 mating cycles
§
§
Mating Force: 90N max.
§
§
PCB thickness (Cage): 1.44mm min. for
singlemounted (1xN)
§
§
Belly to belly (Cage): 2.35mm min. for 1xN
§
§
Unmating force (Cage): 50N max.
§
§
Insertion force to PCB (Cage):
§
§
780N for 1x1 port
§
§
1000N for 1x2 Ports
§
§
1700N for 1x4 Ports
§
§
2400N for 1x6 Ports
§
§
3000N for 2x1 Ports
ELECTRICAL PERFORMANCE
§
§
Operating Voltage: 30VDC per contact
§
§
Operating Current: 0.5A per signal contact
§
§
Differential Impedance: 100Ω +/- 10Ω
ENVIRONMENTAL
§
§
Operating and storage temperature: -40° to +85°C
§
§
RoHS & halogen free
TOOLING INFORMATION
§
§
Cage mounting: Thru bezel
§
§
EMI options: Spring fingers
§
§
Configurations:
§
§
1XN (N=1,2,3,4,5,6)
§
§
2XN (N=1,2)
TARGET MARKETS/APPLICATIONS
Cellular infrastructure
Network Interface Cards
SAN-Storage Attached Networks
Hubs
Switch
Servers
Test and Measurement Equipment
TECHNICAL INFORMATION
PART NUMBER SELECTOR
Number of Ports in row
1
NX1
UE36
A
1
0
X
0
X
0
0
0
T
Heat Sink
0
Standard/None
Cage Plating
0
Standard
Heat Sink Height
0
Standard/None
Plating for Mating Contact
2
0.76µm (30µin) min gold , (GXT)
3
0.76µm (30µin) min gold
6
0.38µm (15µin) min gold
EMI Type
0 Standard
Termination
1 SMT
7 SMT with solder rings
Light Pipe Option
0 Standard, No light pipe
Style
A
1 X N SMT connector
Packaging
T
Tape and Reel
QSFP DD - Connector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com