Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSFPDD Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # QSFPDD
Description  QSFP DD Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

QSFPDD Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  QSFPDD Datasheet HTML 1Page - Amphenol Communications Solutions QSFPDD Datasheet HTML 2Page - Amphenol Communications Solutions QSFPDD Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
QSFP DD Connectors
QSFP DD - 1xN Cages
QSFP DD - Stacked
UE36
E
1
6
2
0
0
X
2
XX
X
EMI Type
6
Spring Finger
Number of Ports in row
1
2X1
Style
E
2XN Press Fit Combo
Cage Plating
2
Nickel
Heat Sink
00
Standard/None
01
No heat sink, with QSFP PAD opening
03
No heat sink, with QSFP-DD opening
BA
Fin Style Front to Back,Standard Fin Size and QTY,
QSFP-DD PAD, Nickel (H = 4.2m , W = X, L = Stand-
ard), (2 Bar or Dual 2 Bar Clip)
BB
Fin Style Front to Back,Standard Fin Size and QTY,
QSFP-DD PAD, Nickel (H = 6.5m , W = X, L = Stand-
ard), (2 Bar or Dual 2 Bar Clip)
BC
Fin Style Front to Back,Standard Fin Size and QTY,
QSFP-DD PAD, Nickel (H = 13.5m , W = X TERMINA-
TION X, L = Standard), (2 Bar or Dual 2 Bar Clip)
Plating for Mating Contact
3
0.76µm (30µin) min gold
A
0.38µm (15µin) min gold , (GXT)
C
0.76µm (30µin) min gold , (GXT)
Venting
0
Standard - No Indicators, Large Vent Holes
Termination
2
All Press Fit
Light Pipe Option
0
Standard, No Light Pipe
Packaging
1
Tray Packaging
2
Option-A with dust cover
Heat Sink
00
No heat sink
01
No heat sink with clip
A2
With fin pin style heat sink (H = 4.2mm; PCI
Height, Front-Back Air Flow)
A3
With fin pin style heat sink (H = 6.5mm; San
Height, Front-Back Air Flow)
A4
With fin pin style heat sink (H = 13.5mm; Tall
Height, Front-Back Air Flow)
A5
With fin pin style heat sink (H = 4.5mm;
Special Height)
B2
With square pin style heat sink (H = 4.2mm;
PCI Height)
B3
With square pin style heat sink (H = 6.5mm;
San Height)
B4
With square pin style heat sink (H =
13.5mm; Tall Height)
C2
With fin pin style heat sink (H = 4.2mm; PCI
Height, Side to Side Air Flow)
C3
With fin pin style heat sink (H = 6.5mm; San
Height, Side to Side Air Flow)
C4
With fin pin style heat sink (H = 13.5mm; Tall
Height, Side to Side Air Flow)
Cage Plating
2
Nickel
3
Matte Tin (HT Nickel Under Layer for Solder Pins)
6
Nickel-Silver Copper
Termination
2
All press fit pins (Standard)
5
All press fit pins, no rear pins
6
All press fit pins, one rear pin for 1 x 1
Light Pipe Option
0
Standard, No light pipe
2
Dual Barrel Light Pipe, Round Outlet
Style
B
Press fit cage
D
Press fit cage with mylar tape
Plating for Mating Contact
0
Standard
Packaging
1
Tray Packaging
A
Items shipped assembled (Tray)
2
Option-A with dust cover
EMI Type
6
Spring Finger
Venting
0
Standard
1
Small top opening
Number of Ports in row
1
1x1
2
1x2
4
1x4
UE36
X
X
6
X
X
X
0
X
XX
X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com