Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSFPDD Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # QSFPDD
Description  QSFP DD Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

QSFPDD Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  QSFPDD Datasheet HTML 1Page - Amphenol Communications Solutions QSFPDD Datasheet HTML 2Page - Amphenol Communications Solutions QSFPDD Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Amphenol Information Communications and Commercial Products
www.amphenol-icc.com
Amphenol ICC’s QSFP DD interconnect system is comprised
of a 76 position, 0.8mm pitch connector built for use in
high speed serial applications. Each port supports up
to 400Gb/s in aggregate over an 8 x 50Gb/s electrical
interface. The cage and connector design provides
backwards compatibility to QSFP28 modules which can
be inserted into a QSFP DD port and connected to 4 of the
8 electrical channels. It is one of the industry’s leading
multi-lane pluggable form factors used across Ethernet,
Fibre Channel and InfiniBand.
TARGET MARKETS
QSFP DD Connectors
FEATURES
BENEFITS
§
Electrical interface employs 8 lanes that support 25Gb/s
NRZ modulation or 56Gb/s PAM4, providing solutions up to
400Gb/s aggregate bandwidth
§
Enables 200G and 400G aggregate bandwidth per port
§
Enables up to 14.4Tb/s aggregate bandwidth in a single
switch slot
§
A single switch slot can have 36 ports QSFP DD
§
Backwards mating compatible with QSFP
§
Allows for use of either QSFP or QSFP DD products in any
port
§
Supports passive & active copper and optical solutions
products
§
Enables use of DAC, short and long range optical
§
Multiple connector configurations
§
Single (1x1), ganged (1xN) and stacked (2xN) connector and
cage configurations
§
MSA supported standard interface
§
Amphenol offering meets or exceeds MSA defined product
specifications
§
Multiple heat sink options
§
Allows user to choose from multiple options to maximize
heat dissipation
§
RoHS compliant
§
Environmentally friendly
§ Operating at 56Gb/s PAM-4 for up to 400Gb/s aggregated
bandwidth solution
§ QSFP series double density product with 8 channels per
port
§ Backwards mating compatible with QSFP
§ Multiple connector and heat sink configurations


Similar Part No. - QSFPDD

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSFP SAMTEC-QSFP Datasheet
605Kb / 1P
QSFP CONNECTOR & CAGE
Rev 29MAR18
logo
Amphenol Communications...
QSFP AMPHENOLCS-QSFP Datasheet
304Kb / 2P
ExpressPort® QSFP
QSFP+ AMPHENOLCS-QSFP+ Datasheet
304Kb / 2P
ExpressPort® QSFP
logo
ATGBICS by Approved Tec...
QSFP-100G-AOC10M-C ATGBICS-QSFP-100G-AOC10M-C Datasheet
636Kb / 10P
QSFP-100G-AOC10M Cisco Compatible Active Optical Cable 100G QSFP28 (10m)
QSFP-100G-AOC15M-C ATGBICS-QSFP-100G-AOC15M-C Datasheet
636Kb / 10P
QSFP-100G-AOC15M Cisco Compatible Active Optical Cable 100G QSFP28 (15m)
More results

Similar Description - QSFPDD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2015911010 MOLEX-2015911010 Datasheet
35Kb / 1P
QSFP-DD-to-QSFP-DD Passive Cable Assembly, 56 Gbps, 30 AWG, 1.0m Length
2015911015 MOLEX-2015911015 Datasheet
35Kb / 1P
QSFP-DD-to-QSFP-DD Passive Cable Assembly, 56 Gbps, 30 AWG, 1.5m Length
2015913010 MOLEX-2015913010 Datasheet
35Kb / 1P
QSFP-DD-to-QSFP-DD Passive Cable Assembly, 56 Gbps, 28 AWG, 1.0m Length
2015913015 MOLEX-2015913015 Datasheet
35Kb / 1P
QSFP-DD-to-QSFP-DD Passive Cable Assembly, 56 Gbps, 28 AWG, 1.5m Length
2015913020 MOLEX-2015913020 Datasheet
35Kb / 1P
QSFP-DD-to-QSFP-DD Passive Cable Assembly, 56 Gbps, 28 AWG, 2.0m Length
2015913025 MOLEX-2015913025 Datasheet
35Kb / 1P
QSFP-DD-to-QSFP-DD Passive Cable Assembly, 56 Gbps, 28 AWG, 2.5m Length
logo
Yamaichi Electronics Co...
CN174 YAMAICHI-CN174 Datasheet
849Kb / 2P
CN174 SERIES QSFP-DD HOST CONNECTORS
logo
Molex Electronics Ltd.
2015911007 MOLEX-2015911007 Datasheet
437Kb / 4P
QSFP-DD TO QSFP-DD 56G PASSIVE CABLE ASY
2021/09/10
2126751014 MOLEX-2126751014 Datasheet
320Kb / 3P
QSFP-DD TO QSFP-DD 112G PASSIVE CBL ASY
2022/07/14
logo
Amphenol Corporation
NDYYJR-0001 AMPHENOL-NDYYJR-0001 Datasheet
304Kb / 2P
QSFP DD Cable Assemblies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com