Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT8024DFP4A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 35Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 36Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 37Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 38Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 39Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 40Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 41Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 42Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
JTAG_TCK
(Input)
JTAG_TDI
(Input)
JTAG_TDO
(Output)
JTAG_TDO
(Output)
JTAG_TDO
(Output)
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
JTAG_TMS
SJ8
SJ9
SJ10
SJ11
SJ10
Figure 11. Test access port timing diagram
JTAG_TCK
(Input)
JTAG_TRST_B
(Input)
SJ13
SJ12
Figure 12. JTAG_TRST_B timing diagram
Table 30. JTAG timing
ID
Parameter1,2
All Frequencies
Unit
Min
Max
SJ0
JTAG_TCK frequency of operation 1/(3•TDC)1
0.001
22
MHz
SJ1
JTAG_TCK cycle time in crystal mode
45
—
ns
SJ2
JTAG_TCK clock pulse width measured at VM2
22.5
—
ns
SJ3
JTAG_TCK rise and fall times
—
3
ns
SJ4
Boundary scan input data set-up time
5
—
ns
SJ5
Boundary scan input data hold time
24
—
ns
SJ6
JTAG_TCK low to output data valid
—
40
ns
SJ7
JTAG_TCK low to output high impedance
—
40
ns
SJ8
JTAG_TMS, JTAG_TDI data set-up time
5
—
ns
SJ9
JTAG_TMS, JTAG_TDI data hold time
25
—
ns
SJ10
JTAG_TCK low to JTAG_TDO data valid
—
44
ns
Table continues on the next page...
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Consumer Products , Rev. 1, 06/2022
Data Sheet: Technical Data
39 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com