Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT8024DFP4A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 10Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 11Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 12Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 13Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 14Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 15Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 16Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Table 2. i.MX RT1060X modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description
LPUART3
LPUART4
LPUART5
LPUART6
LPUART7
LPUART8
parity (even, odd or none)
• Programmable baud rates up to 20 Mbps.
MQS
Medium Quality Sound
Multimedia
Peripherals
MQS is used to generate 2-channel medium quality
PWM-like audio via two standard digital GPIO pins.
PXP
Pixel Processing Pipeline
Multimedia
Peripherals
A high-performance pixel processor capable of 1
pixel/clock performance for combined operations, such
as color-space conversion, alpha blending, and rotation.
The PXP is enhanced
with features specifically for gray scale applications. In
addition, the PXP supports traditional pixel/frame
processing paths for still-image and video processing
applications.
QuadTimer1
QuadTimer2
QuadTimer3
QuadTimer4
QuadTimer
Timer Peripherals The quad-timer provides four time channels with
a variety of controls affecting both individual and
multi-channel features. Specific features include up/
down count, cascading of counters, programmable
module, count once/repeated, counter preload, compare
registers with preload, shared use of input signals,
prescaler controls, independent capture/compare, fault
input control, programmable input filters, and multi­
channel synchronization.
ROMCP
ROM Controller
with Patch
Memories and
Memory Controllers
The ROMCP acts as an interface between the Arm
advanced high-performance bus and the ROM. The
on-chip ROM is only used by the Cortex-M7 core during
boot up. Size of the ROM is 96 KB.
RTC OSC
Real Time
Clock Oscillator
Clock Sources
and Control
The RTC OSC provides the clock source for the
Real-Time Clock module. The RTC OSC module, in
conjunction with an external crystal, generates a 32.768
kHz reference clock for the RTC.
RTWDOG
Watch Dog
Timer Peripherals The RTWDG module is a high reliability independent
timer that is available for system to use. It provides
a safety feature to ensure software is executing as
planned and the CPU is not stuck in an infinite loop or
executing unintended code. If the WDOG module is not
Table continues on the next page...
NXP Semiconductors
Modules List
i.MX RT1060X Crossover Processors for Consumer Products , Rev. 1, 06/2022
Data Sheet: Technical Data
13 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com