Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT8024DFP4A Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060X Crossover Processors for Consumer Products
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 60Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 61Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 62Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 63Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 64Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 65Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 66Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 67Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
Table 56. Comparator and 6-bit DAC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
VDD
Supply voltage
3.0
—
3.6
V
IDDHS
Supply current, High-speed mode
(EN = 1, PMODE = 1)
—
347
—
μA
IDDLS
Supply current, Low-speed mode
(EN = 1, PMODE = 0)
—
42
—
μA
VAIN
Analog input voltage
VSS
—
VDD
V
VAIO
Analog input offset voltage
—
—
21
mV
VH
Analog comparator hysteresis1
mV
• CR0[HYSTCTR] = 00
—
1
2
• CR0[HYSTCTR] = 01
—
21
54
• CR0[HYSTCTR] = 10
—
42
108
• CR0[HYSTCTR] = 11
—
64
184
VCMPOH
Output high
VDD - 0.5
—
—
V
VCMPOI
Output low
—
—
0.5
V
tDHS
Propagation delay, high-speed
mode (EN = 1, PMODE = 1)
—
25
40
ns
tDLS
Propagation delay, low-speed
mode (EN = 1, PMODE = 0)2
—
50
90
ns
tDInit
Analog comparator
initialization delay3
—
1.5
—
μs
IDAC6b
6-bit DAC current adder (enabled) —
5
—
μA
RDAC6b
6-bit DAC reference inputs
—
VDD
—
V
INLDAC6b
6-bit DAC integral non-linearity
-0.3
—
0.3
LSB4
DNLDAC6b
6-bit DAC differential non-linearity -0.15
—
0.15
LSB4
1. Typical hysteresis is measured with input voltage range limited to 0.7 to VDD - 0.7 V in high speed mode.
2. Signal swing is 100 mV.
3. Comparator initialization delay is defined as the time between software writes to the enable comparator module and the
comparator output setting to a stable level.
4. 1 LSB = Vreference / 64
4.9 Communication interfaces
The following sections provide the information about communication interfaces.
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Consumer Products , Rev. 1, 06/2022
Data Sheet: Technical Data
64 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com