Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1831CS Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1831CS
Description  3.3V/2.5V Multi-Supply MicroMonitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1831CS Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1831CS Datasheet HTML 5Page - Dallas Semiconductor DS1831CS Datasheet HTML 6Page - Dallas Semiconductor DS1831CS Datasheet HTML 7Page - Dallas Semiconductor DS1831CS Datasheet HTML 8Page - Dallas Semiconductor DS1831CS Datasheet HTML 9Page - Dallas Semiconductor DS1831CS Datasheet HTML 10Page - Dallas Semiconductor DS1831CS Datasheet HTML 11Page - Dallas Semiconductor DS1831CS Datasheet HTML 12Page - Dallas Semiconductor DS1831CS Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1831C/D/E
9 of 14
OPERATION - WATCHDOG TIMER
The watchdog timer function (DS1831D only) forces the WDS signal active (low) when the ST input
does not have a transition (high-to-low or low-to-high) within the predetermined time period.
The
time-out period is determined by the condition of the TDWD pin. If TDWD is connected to ground the
minimum watchdog time-out would be 10 ms, TD floating would yield a minimum time-out of 100 ms,
and TDWD connected to VCC would provide a time-out of 1000 ms minimum. Time-out of the watchdog
starts when at least one of the RST outputs becomes inactive (high). If a transition occurs on the ST input
pin prior to time-out, the watchdog timer is reset and begins to time-out again. If the watchdog timer is
allowed to time-out, then the WDS output is pulsed active for a minimum of 100 µs.
The WDS output is an open-drain output and must be pulled up externally. In most applications this
output would be connected to one of the Pushbutton inputs and would not require an external pull-up
resistor. The value of the resistors is not critical in most cases but must be set low enough to pull the
output to a high state. A common value used is 10 k
Ωs. If a WDS output is connected to a pushbutton
input an additional pull-up resistor can be used (to improve speed of transitions) but is not required.
The ST input can be derived from many microprocessor outputs. The most typical signals used are the
microprocessor address signals, data signals, or control signals. When the microprocessor functions
normally, these signals would, as a matter of routine, cause the watchdog to be reset prior to time-out. To
guarantee that the watchdog timer does not time-out, a transition must occur at or less than the minimum
times shown in Table 1. A typical circuit example is shown in Figure 10. The watchdog timing is shown
in Figure 11.
The DS1831A watchdog function cannot be disabled. The watchdog strobe input must be strobed to avoid
a watchdog time-out however the watchdog status output can be disconnected yielding the same result.
WATCHDOG CIRCUIT EXAMPLE Figure 10
R1
PBRST2.5V
PBRST3.3V
DS1831D
GND
WDS
IN1
NMI1
VSENSE1
R2
ST
TDWD
µP
VCC
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com