Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1831CS Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1831CS
Description  3.3V/2.5V Multi-Supply MicroMonitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1831CS Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1831CS Datasheet HTML 6Page - Dallas Semiconductor DS1831CS Datasheet HTML 7Page - Dallas Semiconductor DS1831CS Datasheet HTML 8Page - Dallas Semiconductor DS1831CS Datasheet HTML 9Page - Dallas Semiconductor DS1831CS Datasheet HTML 10Page - Dallas Semiconductor DS1831CS Datasheet HTML 11Page - Dallas Semiconductor DS1831CS Datasheet HTML 12Page - Dallas Semiconductor DS1831CS Datasheet HTML 13Page - Dallas Semiconductor DS1831CS Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS1831C/D/E
13 of 14
CAPACITANCE
(tA = 25
°C)
PARAMETER
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Input Capacitance
COUT
7pF
AC ELECTRICAL CHARACTERISTICS
(-40
° to 85°C, VCC = 1.0V TO 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RESET Active Time (TD=Low)
tRST
10
16
20
ms
8
RESET Active Time (TD=Float)
tRST
100
160
200
ms
8
RESET Active Time (TD=High)
tRST
1000
1600
2000
ms
8
VCC Detect to RST
tRPU
See RESET Active Time
ms
8
VCC Detect to RST
tRPD
210
µs
9
VIN Detect to NMI
tIPD
210
µs
9
NMI Active Time
tNMI
20
µs
PBRST
= VIL
tPB
20
µs
PBRST
Stable Low to Reset
Active
tPDLY
50
µs
Watchdog Timeout (TD(WD)=Low)
tTD
10
16
20
ms
Watchdog Timeout (TDWD=Float)
tTD
100
160
200
ms
Watchdog Timeout (TDWD=High)
tTD
1000
1600
2000
ms
ST Pulse Width
tST
10
ns
Vin Slew Rate (V INTP(MAX) to V
INTP(MIN))
tF
300
µs
Vin Slew Rate (V INTP(MAX) to V
INTP(MIN))
tR
0ns
NOTES:
1. All voltages are referenced to ground.
2. Measured with both IN3.3V & IN2.5V
≥ 2.7V.
3. Measured with both IN3.3V & IN2.5V
≤ 2.7V.
4. All Pushbutton inputs are internally pulled to the associated Supply IN input or the greatest Supply IN
input for the MPBRST with an internal Impedance of 100 k
Ω.
5. All outputs are Open Drain and output IOH would be determined by the external pull-up resistor.
6. Measured with outputs open and IN3.3V or IN2.5V
≤ 5.5V.
7. Measured with outputs open and IN3.3V or IN2.5V
≤ 3.6V.
8. Measured using tR = 5 µs.
9. Noise immunity - pulses <2 µs at a trip level will not cause a RST or NMI .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com