Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1831CS Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1831CS
Description  3.3V/2.5V Multi-Supply MicroMonitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1831CS Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1831CS Datasheet HTML 1Page - Dallas Semiconductor DS1831CS Datasheet HTML 2Page - Dallas Semiconductor DS1831CS Datasheet HTML 3Page - Dallas Semiconductor DS1831CS Datasheet HTML 4Page - Dallas Semiconductor DS1831CS Datasheet HTML 5Page - Dallas Semiconductor DS1831CS Datasheet HTML 6Page - Dallas Semiconductor DS1831CS Datasheet HTML 7Page - Dallas Semiconductor DS1831CS Datasheet HTML 8Page - Dallas Semiconductor DS1831CS Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1831C/D/E
3 of 14
OPERATION – POWER MONITOR
The DS1831 provides the functions of detecting out-of-tolerance conditions on a 3.3 (or 3) volt and
2.5 volt power supply and warning a processor based system of impending power failure. When an input
is detected as out-of-tolerance on either voltage input the RST for that supply will be forced active low.
When that input returns to a valid state the associated RST will remain active for the time delay selected
with the associated TD input and then return to an inactive state until the next input out-of-tolerance
condition.
On power-up both resets are kept active for the selected reset time after the associated power supply input
has reached the selected tolerance. This allows the power supply and system power to stabilize before
RST
is released.
All internal operating current for the DS1831 will be supplied by either the IN3.3V or IN2.5V input which
ever has the highest voltage level.
OPERATION - TOLERANCE SELECT
The DS1831 provides 2 TOL inputs for individual customization of the DS1831 to specific application
requirements. If the TOL for the 2.5 volt supply is tied to the 2.5 volt input a 5% tolerance is selected. If
the TOL is connected to ground a 10% tolerance is selected or if it is left unconnected a 15% tolerance is
selected. If the TOL for the 3.3 volt supply is tied to the 3.3 volt input a 5% tolerance is selected, a 10%
tolerance is selected if it is connected to ground, and a 20% tolerance is selected if the input is left
unconnected. These tolerance conditions are set at power up and can only be changed by power cycling
the device.
OPERATION - RESET TIME-DELAY SELECT
The DS1831 provides 2 TD inputs for individual customization of reset time delays and an additional one
for the DS1831D watchdog. TD inputs select time delays for the IN2.5V and IN3.3V resets outputs and the
Watchdog on the DS1831D. The reset time delays are shown in table 1. These allow the selection of
minimum delays of 10 ms, 100 ms, and 1000 ms.
Wiring an individual reset output to the push-button input of the other voltage reset allows custom reset
timings or allows for the sequencing of the reset outputs. See figure 2.
These time delays are set at power-up and cannot be changed after the device reaches an in-tolerance
condition.
TD INPUTS/RESET AND WATCHDOG TIME-DELAYS Table 1
RESET TIME-DELAY
TD
MIN
TYP
MAX
GND
10 ms
16 ms
20 ms
Float
100 ms
160 ms
200 ms
VCC
1000 ms
1600 ms
2000 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com