Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2600IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2600IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2600IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2600IGN Datasheet HTML 1Page - Linear Technology LTC2600IGN Datasheet HTML 2Page - Linear Technology LTC2600IGN Datasheet HTML 3Page - Linear Technology LTC2600IGN Datasheet HTML 4Page - Linear Technology LTC2600IGN Datasheet HTML 5Page - Linear Technology LTC2600IGN Datasheet HTML 6Page - Linear Technology LTC2600IGN Datasheet HTML 7Page - Linear Technology LTC2600IGN Datasheet HTML 8Page - Linear Technology LTC2600IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC2600/LTC2610/LTC2620
2600fa
Octal 16-/14-/12-Bit
Rail-to-Rail DACs in 16-Lead SSOP
The LTC
®2600/LTC2610/LTC2620 are octal 16-, 14- and
12-bit, 2.5V-to-5.5V rail-to-rail voltage-output DACs in
16-lead narrow SSOP packages. They have built-in high
performance output buffers and are guaranteed mono-
tonic.
These parts establish new board-density benchmarks for
16- and 14-bit DACs and advance performance standards
for output drive, crosstalk and load regulation in single-
supply, voltage-output multiples.
The parts use a simple SPI/MICROWIRE
TM compatible
3-wire serial interface which can be operated at clock rates
up to 50MHz. Daisy-chain capability and a hardware CLR
function are included.
The LTC2600/LTC2610/LTC2620 incorporate a power-on
reset circuit. During power-up, the voltage outputs rise
less than 10mV above zero scale; and after power-up, they
stay at zero scale until a valid write and update take place.
s
Smallest Pin-Compatible Octal DACs:
LTC2600: 16 Bits
LTC2610: 14 Bits
LTC2620: 12 Bits
s
Guaranteed 16-Bit Monotonic Over Temperature
s
Wide 2.5V to 5.5V Supply Range
s
Low Power Operation: 250
µA per DAC at 3V
s
Individual Channel Power-Down to 1
µA, Max
s
Ultralow Crosstalk between DACs (<10
µV)
s
High Rail-to-Rail Output Drive (
±15mA, Min)
s
Double-Buffered Digital Inputs
s
Pin-Compatible 10-/8-Bit Versions
(LTC1660/LTC1665)
s
Tiny 16-Lead Narrow SSOP Package
s
Mobile Communications
s
Process Control and Industrial Automation
s
Instrumentation
s
Automatic Test Equipment
Differential Nonlinearity (LTC2600)
, LTC and LT are registered trademarks of Linear Technology Corporation.
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
SDO
SDI
2600 BD
16
DAC A
3
14
4
13
5
7
6
8
10
11
9
12
DECODE
POWER-ON
RESET
CONTROL
LOGIC
32-BIT SHIFT REGISTER
DAC H
DAC B
DAC G
DAC C
DAC F
DAC D
DAC E
CODE
0
16384
32768
49152
65535
2600 G21
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
MICROWIRE is a trademark of National Semiconductor Corporation.
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA


Similar Part No. - LTC2600IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2600IGNPBF LINER-LTC2600IGNPBF Datasheet
343Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600IGNTRPBF LINER-LTC2600IGNTRPBF Datasheet
343Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2600IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_09 Datasheet
275Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com