Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2600IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2600IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2600IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC2600IGN Datasheet HTML 1Page - Linear Technology LTC2600IGN Datasheet HTML 2Page - Linear Technology LTC2600IGN Datasheet HTML 3Page - Linear Technology LTC2600IGN Datasheet HTML 4Page - Linear Technology LTC2600IGN Datasheet HTML 5Page - Linear Technology LTC2600IGN Datasheet HTML 6Page - Linear Technology LTC2600IGN Datasheet HTML 7Page - Linear Technology LTC2600IGN Datasheet HTML 8Page - Linear Technology LTC2600IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC2600/LTC2610/LTC2620
2600fa
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 150°C/W
(Note 1)
Any Pin to GND ........................................... – 0.3V to 6V
Any Pin to VCC .............................................– 6V to 0.3V
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range
LTC2600C/LTC2610C/LTC2620C .......... 0
°C to 70°C
LTC2600I/LTC2610I/LTC2620I .......... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
GN PART MARKING
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
SDO
SDI
LTC2600CGN
LTC2600IGN
LTC2610CGN
LTC2610IGN
LTC2620CGN
LTC2620IGN
2600
2600I
2610
2610I
2620
2620I
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC2620
LTC2610
LTC2600
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Performance
Resolution
q
12
14
16
Bits
Monotonicity
VCC = 5V, VREF = 4.096V (Note 2) q
12
14
16
Bits
DNL
Differential Nonlinearity
VCC = 5V, VREF = 4.096V (Note 2) q
±0.5
±1
±1
LSB
INL
Integral Nonlinearity
VCC = 5V, VREF = 4.096V (Note 2) q
±0.75 ±4
±3
±16
±12 ±64
LSB
Load Regulation
VREF = VCC = 5V, Midscale
IOUT = 0mA to 15mA Sourcing
q
0.025 0.125
0.1
0.5
0.3
2
LSB/mA
IOUT = 0mA to 15mA Sinking
q
0.025 0.125
0.1
0.5
0.3
2
LSB/mA
VREF = VCC = 2.5V, Midscale
IOUT = 0mA to 7.5mA Sourcing
q
0.05
0.25
0.2
1
0.8
4
LSB/mA
IOUT = 0mA to 7.5mA Sinking
q
0.05
0.25
0.2
1
0.8
4
LSB/mA
ZSE
Zero-Scale Error
VCC = 5V, VREF = 4.096V Code = 0 q
19
19
19
mV
VOS
Offset Error
VCC = 5V, VREF = 4.096V (Note 7) q
±1
±9
±1
±9
±1
±9mV
VOS Temperature
±3
±3
±3
µV/°C
Coefficient
GE
Gain Error
VCC = 5V, VREF = 4.096V
q
±0.2 ±0.7
±0.2 ±0.7
±0.2 ±0.7
%FSR
Gain Temperature
±6.5
±6.5
±6.5
ppm/
°C
Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com