Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2600IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2600IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2600IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2600IGN Datasheet HTML 8Page - Linear Technology LTC2600IGN Datasheet HTML 9Page - Linear Technology LTC2600IGN Datasheet HTML 10Page - Linear Technology LTC2600IGN Datasheet HTML 11Page - Linear Technology LTC2600IGN Datasheet HTML 12Page - Linear Technology LTC2600IGN Datasheet HTML 13Page - Linear Technology LTC2600IGN Datasheet HTML 14Page - Linear Technology LTC2600IGN Datasheet HTML 15Page - Linear Technology LTC2600IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC2600/LTC2610/LTC2620
2600fa
PART NUMBER
DESCRIPTION
COMMENTS
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power, 3.5
µs/750µA, 8µs/450µA
LTC1655/LTC1655L
Single 16-Bit VOUT DAC with Serial Interface in SO-8
VCC = 5V(3V), Low Power, Deglitched
LTC1657/LTC1657L
Parrallel 5V/3V 16-Bit VOUT DAC
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1660/LTC1665
Octal 10/8-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2
µs for 10V Step
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1103 1K REV A • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
Schematic for LTC2600 Demonstration Circuit DC579. The Outputs Are Measured by an Onboard LTC2428
DISABLE
ADC
4.096V
5V
CS
SCK
MISO
MOSI
CS
SCK
VCC
VIN
VIN
5V
VCC
VREF
VREF
5V
R3
R6
7.5k
R5
7.5k
C10
100pF
R8
22
Ω
R4
TP4
DAC B
1
U1
24LC025
1
6
3
45
27
8
A0
SCL
A2
VSS SDA
A1
WP
VCC
U5
LT1461ACS8-4
2
4
6
3
VIN
GND
VOUT
SHDN
TP5
DAC C
1
TP6
DAC D
1
R1
R1, R3, R4
are 4.99k, 1%
TP7
DAC E
1
LTC2424/LTC2428
U3
LTC2428CG
13
12
1
5
6
7
8
9
10
15
4
3
2
11
14
17
18
19
20
21
22
23
24
25
26
27
28
16
CH4
CH3
GND
ZSSET
FSSET
GND
MUXOUT
CH0
CH1
CH6
ADCIN
VCC VCC
VCC
VREF
VCC
CH2
CH5
CH7
GND
CLK
CSMUX
DIN
GND
CSADC
SD0
SCK
FO
GND GND
GND
JP1
ON/OFF
C1
0.1
µF
C3
0.1
µF
R2
7.5k
C2
0.1
µF
C5
0.1
µF
C4
0.1
µF
TP8
DAC F
1
TP9
DAC G
1
TP3
DAC A
1
J1
HD2X7
1
3
5
7
9
11
13
2
4
6
8
10
12
14
+
+
+
+
+
+
+
+
+
+
+
+
+
+
JP2
VREF
TP10
DAC H
1
TP16
U2
LTC2600CGN
13
12
5
6
1
7
8
9
10
15
16
4
3
2
11
14
VOUT F
VOUT E
GND
VOUT D
REF
LS/LD
SCK
SDI
SDO
VOUT H
VCC
VOUT C
VOUT B
VOUT A
CLR
VOUT G
TP14
GND
1
TP15
GND
1
1
TP2
1
TP1
1
4-/8-CHANNEL
MUX
3
1
2
R7
7.5k
20-BIT
ADC
+
–
3
1
2
TP13
GND
1
TP11
VREF
1
C8
1
µF
16V
C9
0.1
µF
U4
LT1236ACS8-5
2
4
6
VIN
GND
VOUT
C6
0.1
µF
C7
4.7
µF
6.3V
REGULATOR
5VREF
VCC
JP3
VCC
3
1
2
TP12
VCC
1
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com