Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP595-R Datasheet(PDF) 5 Page - QT-Brightek Corp.

Part # QBLP595-R
Description  0402 SMD Chip LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QTB [QT-Brightek Corp.]
Direct Link  https://www.qt-brightek.com/home.html
Logo QTB - QT-Brightek Corp.

QBLP595-R Datasheet(HTML) 5 Page - QT-Brightek Corp.

  QBLP595-R Datasheet HTML 1Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 2Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 3Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 4Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 5Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 6Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 7Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 8Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 9Page - QT-Brightek Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
QBLP595 Series
0402 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP595 Series
Date: September 15, 2016
Page 5 of 12
Version# 1.3
Luminous Intensity IV @ IF=20mA
Bin
Min.
Max.
Unit
B
16
20
mcd
C
26
25
D
25
32
E
32
40
F
40
50
G
50
63
H
63
80
I
80
100
J
100
125
K
125
160
L
160
200
M
200
250
N
250
320
O
320
400
P
400
500
Q
500
630
R
630
800
S
800
1000
Dominant Wavelength λ
D for Red @ IF=20mA
Bin
Min.
Max.
Unit
s
615
620
nm
t
620
625
u
625
630
Domin
ant Wavelength λ
D for Yellow @ IF=20mA
Bin
Min.
Max.
Unit
m
585
590
nm
n
590
595
Dominant Wavelength λ
D for Orange @ IF=20mA
Bin
Min.
Max.
Unit
p
600
605
nm
q
605
610
Dominant Wavelength λ
D for Yellow Green @ IF=20mA
Bin
Min.
Max.
Unit
h
565
568
nm
i
568
572
j
572
576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com