Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP595-R Datasheet(PDF) 11 Page - QT-Brightek Corp.

Part # QBLP595-R
Description  0402 SMD Chip LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QTB [QT-Brightek Corp.]
Direct Link  https://www.qt-brightek.com/home.html
Logo QTB - QT-Brightek Corp.

QBLP595-R Datasheet(HTML) 11 Page - QT-Brightek Corp.

Back Button QBLP595-R Datasheet HTML 4Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 5Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 6Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 7Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 8Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 9Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 10Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 11Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 12Page - QT-Brightek Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
QBLP595 Series
0402 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP595 Series
Date: September 15, 2016
Page 11 of 12
Version# 1.3
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP595-R
QBLP595-R
Iv=120mcd typ. λD=615nm to 630nm
5,000 units
QBLP595-O
QBLP595-O
Iv=165mcd typ. λD=600nm to 610nm
5,000 units
QBLP595-Y
QBLP595-Y
Iv=95mcd typ. λD=585nm to 595nm
5,000 units
QBLP595-AG
QBLP595-AG
Iv=30mcd typ. λD=565nm to 576nm
5,000 units
QBLP595-IG
QBLP595-IG
Iv=600mcd typ. λD=515nm to 525nm
5,000 units
QBLP595-IB
QBLP595-IB
Iv=85mcd typ. λD=460nm to 470nm
5,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com