Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP595-R Datasheet(PDF) 6 Page - QT-Brightek Corp.

Part # QBLP595-R
Description  0402 SMD Chip LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QTB [QT-Brightek Corp.]
Direct Link  https://www.qt-brightek.com/home.html
Logo QTB - QT-Brightek Corp.

QBLP595-R Datasheet(HTML) 6 Page - QT-Brightek Corp.

Back Button QBLP595-R Datasheet HTML 2Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 3Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 4Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 5Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 6Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 7Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 8Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 9Page - QT-Brightek Corp. QBLP595-R Datasheet HTML 10Page - QT-Brightek Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
QBLP595 Series
0402 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP595 Series
Date: September 15, 2016
Page 6 of 12
Version# 1.3
Dominant Wavelength λ
D for Blue @ IF=20mA
Bin
Min.
Max.
Unit
E
460
462.5
nm
F
462.5
465
G
465
467.5
H
467.5
470
Dominant Wavelength λ
D for True Green @ IF=20mA
Bin
Min.
Max.
Unit
S
515
517.5
nm
T
517.5
520
U
520
522.5
V
522.5
525
Note:
Tolerance of measurement of forward voltage: ±0.1V
Tolerance of measurement of luminous intensity: ±15%
Tolerance of measurement of dominant wavelength: ±2nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com