Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW41.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMW41..
Description  Standard SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW41.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMW41.. Datasheet HTML 1Page - Vishay Siliconix VLMW41.. Datasheet HTML 2Page - Vishay Siliconix VLMW41.. Datasheet HTML 3Page - Vishay Siliconix VLMW41.. Datasheet HTML 4Page - Vishay Siliconix VLMW41.. Datasheet HTML 5Page - Vishay Siliconix VLMW41.. Datasheet HTML 6Page - Vishay Siliconix VLMW41.. Datasheet HTML 7Page - Vishay Siliconix VLMW41.. Datasheet HTML 8Page - Vishay Siliconix VLMW41.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VLMW41..
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 18-Oct-2022
2
Document Number: 81370
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Not designed for reverse operation
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMW41..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
DC forward current
Tamb
≤ 80 °C
IF
20
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
84
mW
Junction temperature
Tj
110
°C
Storage temperature range
Tstg
-40 to +100
°C
Operating temperature range
Tamb
-40 to +100
°C
Thermal resistance junction to ambient
Mounted on PC board (pad size > 16 mm2)RthJA
360
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMW41.., WHITE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 10 mA
VLMW41R1T1
IV
112
275
355
mcd
VLMW41S1T1
IV
180
275
355
mcd
VLMW41S1T2
IV
180
275
450
mcd
Chromatically coordinate x
acc. to CIE 1931
IF = 10 mA
VLMW41..
x
-
0.33
-
Chromatically coordinate y
acc. to CIE 1931
IF = 10 mA
VLMW41..
y
-
0.33
-
Angle of half intensity
IF = 10 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-3.3
4.2
V
Temperature coefficient of VF
IF = 10 mA
TCVF
--3
-
mV/K
Temperature coefficient of IV
VR = 5 V
TCIV
--0.4-
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
OPTIONAL
MIN.
MAX.
R
1
112
140
2
140
180
S
1
180
224
2
224
280
T
1
280
355
2
355
450
CROSSING TABLE
VISHAY
OSRAM
VLMW41..
LWT67C..



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com