Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW41.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMW41..
Description  Standard SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW41.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMW41.. Datasheet HTML 1Page - Vishay Siliconix VLMW41.. Datasheet HTML 2Page - Vishay Siliconix VLMW41.. Datasheet HTML 3Page - Vishay Siliconix VLMW41.. Datasheet HTML 4Page - Vishay Siliconix VLMW41.. Datasheet HTML 5Page - Vishay Siliconix VLMW41.. Datasheet HTML 6Page - Vishay Siliconix VLMW41.. Datasheet HTML 7Page - Vishay Siliconix VLMW41.. Datasheet HTML 8Page - Vishay Siliconix VLMW41.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VLMW41..
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 18-Oct-2022
1
Document Number: 81370
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard SMD LED PLCC-2
DESCRIPTION
This device has been designed to meet the increasing
demand for white SMD LED.
The package of the VLMW41.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled with a
mixture of epoxy and TAG phosphor.
The TAG phosphor converts the blue emission partially to
yellow, which mixes with the remaining blue to give white.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• High efficient InGaN technology
• Chromaticity
coordinate
categorized
according to CIE1931 per packing unit
• Typical color temperature 5500 K
• EIA and ICE standard package
• Compatible
with
reflow,
vapor
phase
and wave solder processes according to
CECC 00802 and J-STD-020
• Available in 8 mm tape reel
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Camera flash light
• Signal and symbol luminaire
•Marker lights
• Interior and exterior automotive lighting: brake lights, turn
lights, backlighting, side markers
• Indicator lighting
19225
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
COORDINATE
(x, y)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMW41S1T1-5K8L-08
White
180
275
355
10
-
0.33,
0.33
-10
-
3.3
4.2
10
InGaN /
TAG on sapphire
VLMW41S1T1-5K8L-18
White
180
275
355
10
-
0.33,
0.33
-10
-
3.3
4.2
10
InGaN /
TAG on sapphire
VLMW41R1T1-5K8L-08
White
112
275
355
10
-
0.33,
0.33
-10
-
3.3
4.2
10
InGaN /
TAG on sapphire
VLMW41R1T1-5K8L-18
White
112
275
355
10
-
0.33,
0.33
-10
-
3.3
4.2
10
InGaN /
TAG on sapphire
VLMW41S1T2-7K8L-08
White
180
275
450
10
-
0.33,
0.33
-10
-
3.3
4.2
10
InGaN /
TAG on sapphire


Similar Part No. - VLMW41..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW41 VISHAY-VLMW41 Datasheet
181Kb / 8P
High efficient InGaN technology
03-Aug-15
VLMW41 VISHAY-VLMW41 Datasheet
235Kb / 8P
Standard SMD LED PLCC-2
24-Sep-2021
VLMW41R1 VISHAY-VLMW41R1 Datasheet
215Kb / 7P
Standard SMD LED PLCC-2
22-Mar-16
VLMW41R1T1 VISHAY-VLMW41R1T1 Datasheet
216Kb / 7P
Standard SMD LED PLCC-2
22-Mar-16
VLMW41R1T1-5K8L-08 VISHAY-VLMW41R1T1-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
More results

Similar Description - VLMW41..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com