Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW41.. Datasheet (PDF) - Vishay Siliconix

VLMW41.. Datasheet PDF - Vishay Siliconix
Part # VLMW41..
Download  VLMW41.. Download
File Size   239.61 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard SMD LED PLCC-2

VLMW41.. Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMW41.. Datasheet PDF - Vishay Siliconix

Part # VLMW41..
Download  VLMW41.. Click to download

File Size   239.61 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard SMD LED PLCC-2

VLMW41.. Datasheet (HTML) - Vishay Siliconix


VLMW41.. Product details

DESCRIPTION
This device has been designed to meet the increasing
demand for white SMD LED.
The package of the VLMW41.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled with a
mixture of epoxy and TAG phosphor.
The TAG phosphor converts the blue emission partially to
yellow, which mixes with the remaining blue to give white.

FEATURES
• High efficient InGaN technology
• Chromaticity coordinate categorized
according to CIE1931 per packing unit
• Typical color temperature 5500 K
• EIA and ICE standard package
• Compatible with reflow, vapor phase
and wave solder processes according to
CECC 00802 and J-STD-020
• Available in 8 mm tape reel
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLMW41..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW41 VISHAY-VLMW41 Datasheet
181Kb / 8P
High efficient InGaN technology
03-Aug-15
VLMW41 VISHAY-VLMW41 Datasheet
235Kb / 8P
Standard SMD LED PLCC-2
24-Sep-2021
VLMW41R1 VISHAY-VLMW41R1 Datasheet
215Kb / 7P
Standard SMD LED PLCC-2
22-Mar-16
VLMW41R1T1 VISHAY-VLMW41R1T1 Datasheet
216Kb / 7P
Standard SMD LED PLCC-2
22-Mar-16
VLMW41R1T1-5K8L-08 VISHAY-VLMW41R1T1-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
More results


Similar Description - VLMW41..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com