Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMY21.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMY21..
Description  Standard Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY21.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMY21.. Datasheet HTML 1Page - Vishay Siliconix VLMY21.. Datasheet HTML 2Page - Vishay Siliconix VLMY21.. Datasheet HTML 3Page - Vishay Siliconix VLMY21.. Datasheet HTML 4Page - Vishay Siliconix VLMY21.. Datasheet HTML 5Page - Vishay Siliconix VLMY21.. Datasheet HTML 6Page - Vishay Siliconix VLMY21.. Datasheet HTML 7Page - Vishay Siliconix VLMY21.. Datasheet HTML 8Page - Vishay Siliconix VLMY21.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VLMO21.., VLMY21..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 19-Apr-2022
1
Document Number: 81233
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Mini SMD LED
DESCRIPTION
The new MiniLED series has been designed in a small white
SMT package. The feature of the device is the very small
package 2.3 mm x 1.3 mm x 1.4 mm. The MiniLED is an
obvious solution for small-scale, high-power products that
are expected to work reliably in an arduous environment.
This is often the case in automotive and industrial
application of course.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD MiniLED
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement
equipment
• EIA and ICE standard package
• IR reflow soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to
light pipes and backlighting
• Low power consumption
• ESD-withstand voltage: up to 2 kV (HBM) according to
JESD22-A114-B
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video
equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
19226
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMO2100-GS08
Soft orange
3.55
7.0
-
10
598
605
611
10
-
2.1
3
20
GaAsP on GaP
VLMY2100-GS08
Yellow
3.55
8.5
-
10
581
588
594
10
-
2.2
3
20
GaAsP on GaP


Similar Part No. - VLMY21..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY21 VISHAY-VLMY21 Datasheet
350Kb / 12P
Standard Mini SMD LED
22-May-2019
logo
HK TO-GRACE TECHNOLOGY ...
VLMY2100 TO-GRACE-VLMY2100 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
Vishay Siliconix
VLMY2100-GS08 VISHAY-VLMY2100-GS08 Datasheet
321Kb / 12P
Standard Mini SMD LED
12-May-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMY2100-GS08 TO-GRACE-VLMY2100-GS08 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
Vishay Siliconix
VLMY2100-GS08 VISHAY-VLMY2100-GS08 Datasheet
350Kb / 12P
Standard Mini SMD LED
22-May-2019
More results

Similar Description - VLMY21..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS2100-GS08 VISHAY-TLMS2100-GS08 Datasheet
317Kb / 11P
Standard Mini SMD LED
24-Sep-07
VLMG21J2L1-GS08 VISHAY-VLMG21J2L1-GS08 Datasheet
935Kb / 9P
Standard Mini SMD LED
30-Apr-13
VLME2302 VISHAY-VLME2302 Datasheet
297Kb / 9P
Standard Mini SMD LED
29-Jan-16
VLMG21 VISHAY-VLMG21 Datasheet
330Kb / 9P
Standard Mini SMD LED
29-Jan-16
VLMO21 VISHAY-VLMO21 Datasheet
321Kb / 12P
Standard Mini SMD LED
12-May-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMG21K1L2-GS08 TO-GRACE-VLMG21K1L2-GS08 Datasheet
1Mb / 9P
Standard Mini SMD LED
VLMS2100-GS08 TO-GRACE-VLMS2100-GS08 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
Vishay Siliconix
VLMOSY21 VISHAY-VLMOSY21 Datasheet
350Kb / 12P
Standard Mini SMD LED
22-May-2019
VLMG21 VISHAY-VLMG21_V01 Datasheet
334Kb / 9P
Standard Mini SMD LED
22-May-2019
VLMO21 VISHAY-VLMO21_V01 Datasheet
350Kb / 12P
Standard Mini SMD LED
22-May-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com