Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMY21.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMY21..
Description  Standard Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY21.. Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMY21.. Datasheet HTML 1Page - Vishay Siliconix VLMY21.. Datasheet HTML 2Page - Vishay Siliconix VLMY21.. Datasheet HTML 3Page - Vishay Siliconix VLMY21.. Datasheet HTML 4Page - Vishay Siliconix VLMY21.. Datasheet HTML 5Page - Vishay Siliconix VLMY21.. Datasheet HTML 6Page - Vishay Siliconix VLMY21.. Datasheet HTML 7Page - Vishay Siliconix VLMY21.. Datasheet HTML 8Page - Vishay Siliconix VLMY21.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VLMO21.., VLMY21..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 19-Apr-2022
3
Document Number: 81233
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Pulse Forward Current vs. Pulse Duration
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN
MAX
H
12.8
3.55
2
3.55
4.5
J
14.5
5.6
25.6
7.1
K
17.1
9.0
2
9.0
11.2
L
1
11.2
14.0
2
14.0
18.0
M
1
18.0
22.4
2
22.4
28.0
N
1
28.0
35.5
2
35.5
45.0
COLOR CLASSIFICATION
GROUP
YELLOW
SOFT ORANGE
DOM. WAVELENGTH (nm)
MIN.
MAX.
MIN.
MAX.
1
581
584
598
601
2
583
586
600
603
3
585
588
602
605
4
587
590
604
607
5
589
592
606
609
6
591
594
608
611
CROSSING TABLE
VISHAY
OSRAM
VLMO2100
LOM670
VLMY2100
LYM670
10
100
1000
10000
0
10
20
30
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
2nd line
10
100
1000
10000
1
10
100
1000
0.01
0.1
1
10
100
Axis Title
t
p - Pulse Length (ms)
2nd line
t
p/T = 0.005
0.01
0.02
0.05
0.1
0.2
0.5
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com