Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMY21.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMY21..
Description  Standard Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY21.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMY21.. Datasheet HTML 1Page - Vishay Siliconix VLMY21.. Datasheet HTML 2Page - Vishay Siliconix VLMY21.. Datasheet HTML 3Page - Vishay Siliconix VLMY21.. Datasheet HTML 4Page - Vishay Siliconix VLMY21.. Datasheet HTML 5Page - Vishay Siliconix VLMY21.. Datasheet HTML 6Page - Vishay Siliconix VLMY21.. Datasheet HTML 7Page - Vishay Siliconix VLMY21.. Datasheet HTML 8Page - Vishay Siliconix VLMY21.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VLMO21.., VLMY21..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 19-Apr-2022
2
Document Number: 81233
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for a short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMO21.., VLMY21..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
Tamb
≤ 74 °C
IF
20
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.34
A
Power dissipation
PV
56
mW
Junction temperature
Tj
+100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction to ambient
Mounted on PC board (pad size > 5 mm2)RthJA
480
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO21.., SOFT ORANGE
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
VLMO2100
IV
3.55
7.0
-
mcd
Dominant wavelength
IF = 10 mA
λd
598
605
611
nm
Peak wavelength
IF = 10 mA
λp
-
605
-
nm
Angle of half intensity
IF = 10 mA
j
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-2.1
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY21.., YELLOW
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
VLMY2100
IV
3.55
8.5
-
mcd
Dominant wavelength
IF = 10 mA
λd
581
588
594
nm
Peak wavelength
IF = 10 mA
λp
-
585
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-2.2
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com