Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMY30.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMY30..
Description  Low Current SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY30.. Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMY30.. Datasheet HTML 1Page - Vishay Siliconix VLMY30.. Datasheet HTML 2Page - Vishay Siliconix VLMY30.. Datasheet HTML 3Page - Vishay Siliconix VLMY30.. Datasheet HTML 4Page - Vishay Siliconix VLMY30.. Datasheet HTML 5Page - Vishay Siliconix VLMY30.. Datasheet HTML 6Page - Vishay Siliconix VLMY30.. Datasheet HTML 7Page - Vishay Siliconix VLMY30.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VLMS30.., VLMO30.., VLMY30..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 09-May-2022
5
Document Number: 81322
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Forward Voltage vs. Ambient Temperature
PACKAGE DIMENSIONS in millimeters
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
18252
yellow
orange
red
Drawing-No.: 6.541-5067.01-4
Issue: 7; 12.03.14
technical drawings
according to DIN
specifications
C
A
Ø 2.4
Pin identification
3.5 ± 0.2
3
+ 0.15
0.8
Recommended Footprint
Mounting Pad Layout
4
1.2
1.6 (1.9)
Area covered
with solderresist



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com