Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMY30.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMY30..
Description  Low Current SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY30.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMY30.. Datasheet HTML 1Page - Vishay Siliconix VLMY30.. Datasheet HTML 2Page - Vishay Siliconix VLMY30.. Datasheet HTML 3Page - Vishay Siliconix VLMY30.. Datasheet HTML 4Page - Vishay Siliconix VLMY30.. Datasheet HTML 5Page - Vishay Siliconix VLMY30.. Datasheet HTML 6Page - Vishay Siliconix VLMY30.. Datasheet HTML 7Page - Vishay Siliconix VLMY30.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLMS30.., VLMO30.., VLMY30..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 09-May-2022
1
Document Number: 81322
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Current SMD LED PLCC-2
DESCRIPTION
These new devices have been designed to meet the
increasing demand for AllnGaP based low current SMD
LEDs.
The package of the VLM.30.. is the PLCC-2 package.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: low current
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Very low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• ESD withstand voltage: up to 2 kV according to
JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight for battery driven equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
19225
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA) TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMS3000-GS08
Super red
2.8
10
-
2
624
630
636
2
-
1.8
2.2
2
AllnGaP
VLMS30J1K2-GS08
Super red
4.5
8.5
11.2
2
624
630
636
2
-
1.8
2.2
2
AllnGaP
VLMS30K1L2-GS08
Super red
7.1
10.5
18
2
624
630
636
2
-
1.8
2.2
2
AllnGaP
VLMS30J1L2-GS08
Super red
4.5
10
18
2
624
630
636
2
-
1.8
2.2
2
AllnGaP
VLMS30J1L2-GS18
Super red
4.5
10
18
2
624
630
636
2
-
1.8
2.2
2
AllnGaP
VLMS30K2L2-GS08
Super red
9
12
18
2
624
630
636
2
-
1.8
2.2
2
AllnGaP
VLMO30L1M2-GS08
Orange
11.2
16.5
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30L1M2-GS18
Orange
11.2
16.5
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30K1M2-GS08
Orange
7.1
16
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMY3000-GS08
Yellow
4.5
11.6
-
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2L1-GS08
Yellow
5.6
10.6
14
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30K2M1-GS08
Yellow
9
12.3
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2M1-GS08
Yellow
5.6
11.6
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP


Similar Part No. - VLMY30..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY30 VISHAY-VLMY30 Datasheet
191Kb / 9P
Low Current SMD LED PLCC-2
23-Sep-2021
VLMY3000-GS08 VISHAY-VLMY3000-GS08 Datasheet
158Kb / 9P
Low Current SMD LED
VLMY3000-GS08 VISHAY-VLMY3000-GS08 Datasheet
184Kb / 9P
Low Current SMD LED PLCC-2
08-Jul-2019
VLMY3000-GS18 VISHAY-VLMY3000-GS18 Datasheet
158Kb / 9P
Low Current SMD LED
VLMY3000-GS18 VISHAY-VLMY3000-GS18 Datasheet
184Kb / 9P
Low Current SMD LED PLCC-2
08-Jul-2019
More results

Similar Description - VLMY30..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMA3100 VISHAY-VLMA3100 Datasheet
197Kb / 8P
Low Current SMD LED PLCC-2
24-May-07
VLMT3100 VISHAY-VLMT3100 Datasheet
197Kb / 8P
Low Current SMD LED PLCC-2
01-Jun-07
VLMT3100-GS08 VISHAY-VLMT3100-GS08 Datasheet
914Kb / 7P
Low Current SMD LED PLCC-2
15-Mar-11
logo
HK TO-GRACE TECHNOLOGY ...
VLMC3100-GS08 TO-GRACE-VLMC3100-GS08 Datasheet
623Kb / 7P
Low Current SMD LED PLCC-2
VLMS3000-GS08 TO-GRACE-VLMS3000-GS08 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
VLMYG30H2K1 TO-GRACE-VLMYG30H2K1 Datasheet
650Kb / 7P
Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMC310 VISHAY-VLMC310_V01 Datasheet
212Kb / 7P
Low Current SMD LED PLCC-2
10-Feb-2020
VLMT3100 VISHAY-VLMT3100_V01 Datasheet
169Kb / 7P
Low Current SMD LED PLCC-2
03-Aug-15
VLMT3100 VISHAY-VLMT3100_V02 Datasheet
232Kb / 7P
Low Current SMD LED PLCC-2
21-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com