Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMY30.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMY30..
Description  Low Current SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY30.. Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMY30.. Datasheet HTML 1Page - Vishay Siliconix VLMY30.. Datasheet HTML 2Page - Vishay Siliconix VLMY30.. Datasheet HTML 3Page - Vishay Siliconix VLMY30.. Datasheet HTML 4Page - Vishay Siliconix VLMY30.. Datasheet HTML 5Page - Vishay Siliconix VLMY30.. Datasheet HTML 6Page - Vishay Siliconix VLMY30.. Datasheet HTML 7Page - Vishay Siliconix VLMY30.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VLMS30.., VLMO30.., VLMY30..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 09-May-2022
3
Document Number: 81322
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
• Luminous Intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %. The above type numbers represent the order
grous which include only a few brightness groups. Only one group will be shipped in one reel (there will be no mixing of two groups on each
reel). In order to ensure availability, single brightness groups will not be orderable. In a similar manner for colors where wavelength groups
are measured and binned, single wavelength groups will be shipped in any one reel. In order to ensure availability, single wavelength groups
will not be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY30.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMY3000
IV
4.5
11.6
-
mcd
IF = 2 mA
VLMY30J2L1
IV
5.6
10.6
14
mcd
IF = 2 mA
VLMY30K2M1
IV
9
12.3
22.4
mcd
IF = 2 mA
VLMY30J2M1
IV
5.6
11.6
22.4
mcd
Dominant wavelength
IF = 2 mA
λd
581
587
594
nm
Peak wavelength
IF = 2 mA
λp
-
585
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
°
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
615
-
V
LUMINOUS ITENSITY CLASSIFICATION
GROUP
STANDARD
LIGHT INTENSITY (mcd)
OPTIONAL
MIN.
MAX.
H
1
2.8
3.55
2
3.55
4.5
J
14.5
5.6
25.6
7.1
K
17.1
9.0
2
9.0
11.2
L
1
11.2
14.0
2
14.0
18.0
M
1
18.0
22.4
2
22.4
28.0
COLOR CLASSIFICATION
GROUP
YELLOW
ORANGE
DOM. WAVELENGTH (nm)
MIN.
MAX.
MIN.
MAX.
1
581
584
2
583
586
600
603
3
585
588
602
605
4
587
590
604
607
5
589
592
606
609
6
591
594
CROSSING TABLE
VISHAY
OSRAM
VLMS30J1K2
LST67K-J1K2
VLMS30J1L2
LST67K-J1L2
VLMS30K1L2
LST67K-K1L2
VLMO30K1M2
LOT67K-K1M2
VLMO30L1M2
LOT67K-L1M2
VLMY30J2L1
LYT67K-J2L1
VLMY30J2M1
LYT67K-J2M1
VLMY30K2M1
LYT67K-K2M1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com