Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2120 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2120
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2120 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2120 Datasheet HTML 1Page - Diodes Incorporated AP2120 Datasheet HTML 2Page - Diodes Incorporated AP2120 Datasheet HTML 3Page - Diodes Incorporated AP2120 Datasheet HTML 4Page - Diodes Incorporated AP2120 Datasheet HTML 5Page - Diodes Incorporated AP2120 Datasheet HTML 6Page - Diodes Incorporated AP2120 Datasheet HTML 7Page - Diodes Incorporated AP2120 Datasheet HTML 8Page - Diodes Incorporated AP2120 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AP2120
Document number: DS41206 Rev. 5 - 2
2 of 19
www.diodes.com
March 2021
© Diodes Incorporated
AP2120
Typical Applications Circuit
VIN
AP2120-2.5
CIN
1µF
COUT
1µF
VOUT
VIN
VOUT
GND
VIN=3.5V
VOUT=2.5V
Note:
Filter capacitors are required at the AP2120's input and output. 1µF capacitor is required at the input.
The minimum output capacitance required for stability should be more than 1µF with ESR from 0.01Ω to 100Ω. Ceramic capacitors are recommended.
Pin Descriptions
Pin Number
Pin Name
Function
SOT-23 (N)
1
GND
Ground
2
VOUT
Regulated Output Voltage
3
VIN
Input Voltage
Functional Block Diagram
VIN
VREF
CURRENT LIMIT
GND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com