Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2120 Datasheet (PDF) - Diodes Incorporated

AP2120 Datasheet PDF - Diodes Incorporated
Part # AP2120
Download  AP2120 Download
File Size   643.01 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR

AP2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2120 Datasheet PDF - Diodes Incorporated

Part # AP2120
Download  AP2120 Click to download

File Size   643.01 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR

AP2120 Datasheet (HTML) - Diodes Incorporated


AP2120 Product details

Features
• Low Dropout Voltage at IOUT = 100mA: 200mV Typical (Except 1.2V, 1.3V and 1.5V Versions)
• Low Quiescent Current: 25μA Typical
• High Ripple Rejection: 65dB Typical (f = 1kHz)
• Output Current: More Than 150mA (250mA Limit)
• Extremely Low Noise: 15μVrms@VOUT = 1.2V, 1.3V, 1.5V (10Hz to 100kHz)
• Excellent Line Regulation: 4mV Typical
• Excellent Load Regulation: 12mV Typical
• High Output Voltage Accuracy: ±2%
• Excellent Line Transient Response and Load Transient Response
• Compatible with Low ESR Ceramic Capacitor (as Low as 1μF)
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminals: Finish - Mate Tin Plated Leads, Solderable per MIL-STD-202, Method 208
• Weight: 0.009 grams (Approximate)
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control

Applications
• Mobile Phones, Cordless Phones
• Wireless Communication Equipment
• Portable Games
• Cameras, Video Recorders
• Sub-Board Power Supplies for Telecom Equipment
• Battery Powered Equipment




Similar Part No. - AP2120

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120N-1.2TRG1 BCDSEMI-AP2120N-1.2TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120N-1.3TRG1 BCDSEMI-AP2120N-1.3TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120N-1.5TRG1 BCDSEMI-AP2120N-1.5TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120N-1.8TRG1 BCDSEMI-AP2120N-1.8TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
More results


Similar Description - AP2120

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
High Speed, Extremely Low Noise 150mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2121 BCDSEMI-AP2121 Datasheet
166Kb / 2P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com