Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2120 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2120
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2120 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2120 Datasheet HTML 1Page - Diodes Incorporated AP2120 Datasheet HTML 2Page - Diodes Incorporated AP2120 Datasheet HTML 3Page - Diodes Incorporated AP2120 Datasheet HTML 4Page - Diodes Incorporated AP2120 Datasheet HTML 5Page - Diodes Incorporated AP2120 Datasheet HTML 6Page - Diodes Incorporated AP2120 Datasheet HTML 7Page - Diodes Incorporated AP2120 Datasheet HTML 8Page - Diodes Incorporated AP2120 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AP2120
Document number: DS41206 Rev. 5 - 2
3 of 19
www.diodes.com
March 2021
© Diodes Incorporated
AP2120
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
6.5
V
VCE
Enable Input Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
300
mA
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+260
°C
θJA
Thermal Resistance (Junction to Ambient) (Note 5)
SOT-23
250
°C/W
ESD
ESD (Human Body Model)
2000
V
ESD
ESD (Machine Model)
200
V
Notes:
4. Stresses greater than those listed under “Absolute Maximum Ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods can affect device reliability.
5. Absolute maximum ratings indicate limits beyond which damage to the component can occur. Electrical specifications do not apply when operating the
device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the junction
to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD(max) = (TJ(max) -TA)/θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2
6
V
TJ
Operating Junction Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com