Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2122 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2122 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2122
Download  AP2122 Download
File Size   238.01 Kbytes
Page   20 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR

AP2122 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2122 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2122
Download  AP2122 Click to download

File Size   238.01 Kbytes
Page   20 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR

AP2122 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2122 Product details

General Description
The AP2122 series are positive voltage regulator ICs fabricated by CMOS process. Each of these ICs consists of a voltage reference, an error amplifier, a resistor network for setting output voltage, a current limit circuit for current protection and a chip enable circuit .
   
Features
• Low Dropout Voltage at IOUT=100mA: 150mV
    Typical (Except 1.5V Version)
• Low Standby Current: 0.1µA Typical
• Low Quiescent Current: 25µA Typical
• High Ripple Rejection: 70dB Typical(f=10kHz)
• Maximum Output Current: More Than 150mA
    (300mA Limit)
• Extremely Low Noise: 30µVrms (10Hz to
    100kHz)
• Excellent Line Regulation: 4mV Typical
• Excellent Load Regulation: 12mV Typical
• High Output Voltage Accuracy: ±2%
• Excellent Line and Load Transient Response
• Compatible with Low ESR Ceramic Capacitor (as
    Low as 1µF)
   
Applications
• Mobile Phones, Cordless Phones
• MP3/4
• Portable Electronic Devices
• Cameras, Video Recorders
• Sub-board Power Supplies for Telecom Equipment
• Battery Powered Equipment
   




Similar Part No. - AP2122

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2120N-1.2TRG1 BCDSEMI-AP2120N-1.2TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2120N-1.2TRG1 DIODES-AP2120N-1.2TRG1 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2120N-1.3TRG1 BCDSEMI-AP2120N-1.3TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
More results


Similar Description - AP2122

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
High Speed, Extremely Low Noise 150mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2121 BCDSEMI-AP2121 Datasheet
166Kb / 2P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com