Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2121 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2121 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2121
Download  AP2121 Download
File Size   166.38 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR

AP2121 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2121 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2121
Download  AP2121 Click to download

File Size   166.38 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR

AP2121 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2121 Product details

General Description

The AP2121 series are positive voltage regulator ICs fabricated by CMOS process. Each of these ICs consists of a voltage reference, an error amplifier, a resistor network for setting output voltage, a current limit circuit for current protection and a chip enable circuit (5-pin products only).

The AP2121 series feature high ripple rejection, low dropout voltage, low noise, high output voltage accuracy, and low current consumption which make them ideal for use in various battery-powered devices.



Features

· Low Dropout Voltage at IOUT=100mA: 150mV

  Typical (Except 1.5V Version)

· Low Standby Current: 0.1µA Typical

· Low Quiescent Current: 25µA Typical

· High Ripple Rejection: 70dB Typical(f=10kHz)

· Maximum Output Current: More Than 150mA (300mA Limit)

· Extremely Low Noise: 30µVrms (10Hz to 100kHz)

· Excellent Line Regulation: 4mV Typical

· Excellent Load Regulation: 12mV Typical

· High Output Voltage Accuracy: ±2%

· Excellent Line Transient Response and Load Transient Response

· Compatible with Low ESR Ceramic Capacitor (as Low as 1µF)



Applications

· Mobile Phones, Cordless Phones

· Wireless Communication Equipment

· Portable Games

· Cameras, Video Recorders

· Sub-board Power Supplies for Telecom Equipment

· Battery Powered Equipment



 




Similar Part No. - AP2121

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2121AJ4-1.2TRG1 DIODES-AP2121AJ4-1.2TRG1 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2121AJ4-1.3TRG1 DIODES-AP2121AJ4-1.3TRG1 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2121AJ4-1.5TRG1 DIODES-AP2121AJ4-1.5TRG1 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2121AJ4-1.8TRG1 DIODES-AP2121AJ4-1.8TRG1 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
More results


Similar Description - AP2121

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
High Speed, Extremely Low Noise 150mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com