Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31020BCF-R Datasheet(PDF) 19 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BCF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BCF-R Datasheet(HTML) 19 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BCF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
19/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
7.
ORDERING INFORMATION
Ordering Code
Description
Operation Temp.
Package
Marking
Shipping Form *
ZMD31020BCB
dice on tested
unsawn wafer
0...+70°C
die
6” wafer
ZMD31020BCC
dice on tested
sawn wafer
0...+70°C
die
plastic frame
ZMD31020BCD
dice
in waffle tray
0...+70°C
die
waffle tray
(100 dice / tray)
ZMD31020BCF-T
finished parts in
tube
0...+70°C
SSOP14
(5.3mm)
ZMD
31020BCF
tube
(77 parts / tube)
ZMD31020BCF-R
finished parts in
tape on reel
0...+70°C
SSOP14
(5.3mm)
ZMD
31020BCF
tape on reel
(2000 parts / reel)
ZMD31020BIB
dice on tested
unsawn wafer
-40...+125°C*
die
6” wafer
ZMD31020BIC
dice on tested
sawn wafer
-40...+125°C*
die
plastic frame
ZMD31020BID
dice
in waffle tray
-40...+125°C*
die
waffle tray
(100 dice / tray)
ZMD31020BIF-T
finished parts in
tube
-40...+125°C*
SSOP14
(5.3mm)
ZMD
31020BIF
tube
(77 parts / tube)
ZMD31020BIF-R
finished parts in
tape on reel
-40...+125°C*
SSOP14
(5.3mm)
ZMD
31020BIF
tape on reel
(2000 parts / reel)
ZMD31020KIT
evaluation kit
box, containing PCB,
CD, USB cable and
SSOP14 samples
Deviant from the regular industrial operation temperature range of –25 to +85°C the ZMD31020 industrial version is specified for –40 to
+125°C.
* The quantity ordered should be a multiple of the quantity / packing unit as specified
8.
RELATED DOCUMENTS
•
ZMD31020 Software description
•
ZMD31020 Functional description
•
ZMD31020 Response time (application note)
The information furnished here by ZMD is believed to be correct and accurate. However, ZMD shall not be liable to any licensee or third
party for any damages, including, but not limited to, personal injury, property damage, loss of profits, loss of use, interruption of business or
indirect, special, incidental, or consequential damages of any kind in connection with or arising out of the furnishing, performance, or use of
this technical data. No obligation or liability to any licensee or third party shall result from ZMD’s rendering of technical or other services.
For further
information:
ZMD AG
Grenzstrasse 28
01109 Dresden, Germany
Phone +49 (351) 8822-306
Fax +49 (351) 8822-337
sales@zmd.de
www.zmd.biz
ZMD America, Inc.
201 Old Country Road, Suite 204
Melville, NY 11747, USA
Phone +01 (631) 549-2666
Fax +01 (631) 549-2882
sales@zmda.com
www.zmd.biz
ZMD America, Inc.
15373 Innovation Drive, Suite 110
San Diego, CA 92128, USA
Phone +01 (858) 674-8070
Fax +01 (858) 674-8071
sales@zmda.com
www.zmd.biz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com