Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31020BCF-R Datasheet(PDF) 12 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BCF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BCF-R Datasheet(HTML) 12 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BCF-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
12/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
3.3.4
12-bit ADC
(1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
12-Bit sensor signal conversion
ADC diff. non-lin.
DNLp
-0.5
0.5
LSB
ADC integr. non-lin.
INLp
to best-fit straight line
-0.5
0.5
LSB
10-Bit temperature signal conversion
ADC diff. non-lin.
DNLT
-0.5
0.5
LSB
ADC integr. non-lin.
INLT
to best-fit straight line
-0.8
0.8
LSB
3.3.5
EEPROM programming
PARAMETER
SYM.
MIN.
TYP.
MAX.
Prog. voltage HIGH level
VPPH
11.75
12.25
12.75
V
Prog. voltage LOW level
(conn. to VDD on chip)
VPPL
VDD
V
Prog. cycle duration
tVPP
9
ms
Rise time VPP
tVPP_R
0.5
1
2
ms
Fall time VPP
tVPP_F
0.5
1
2
ms
Prog. pulse duration
tVPP_H
8
ms
Number of write/read cycles
100
Programming temperature
TPP
-40
+85
°C
3.3.6
Serial I
2C Interface
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input high level
VI2C_IN_H
0.9
1
VDD
Input low level
VI2C_IN_L
0
0.1
VDD
Output low level
VI2C_OUT_L
0.1
VDD
Pull-up-resistance (at
SCL and SDA)
RI2C_SCL/SDA
470
Pull up current
II2C_OUT_H
pins SCL and SDA
5
20
µA
Load capacitance SDA
CSDA
400
pF
tVPP
VPPL
VPPH
tVPP_R
tVPP_F
tVPP_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com