Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31020BCF-R Datasheet(PDF) 11 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BCF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BCF-R Datasheet(HTML) 11 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BCF-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
11/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
(for TAMB = -40°C ... +125°C; supply voltage: 4.5V ... 5.5V; all voltages referred to VSSA = VSS)
3.3.1
Power Supply
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply current
IDD + IDDA
no sensor, no diode
connected;
VOUT open
7.7
mA
3.3.2
PGA & 12-bit Input ADC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Differential input voltage range options @ Input span VIN_SP = 52 mV/V; aIN = 15.66
Diff. inp. volt. range 1
VIN_DIFF_1
RSADC = 15/16
-3
49
mV/V
Diff. inp. volt. range 2
VIN_DIFF_2
RSADC = 7/8
-6
46
mV/V
Diff. inp. volt. range 3
VIN_DIFF_3
RSADC = 3/4
-13
39
mV/V
Diff. inp. volt. range 4
VIN_DIFF_4
RSADC = 1/2
-26
26
mV/V
Sensitivity
SIN
VDDA = 5V
73
µV/LSB
Differential input voltage range options @ Input span VIN_SP = 36 mV/V; aIN = 24
Diff. inp. volt. range 1
VIN_DIFF_1
RSADC = 15/16
-2
34
mV/V
Diff. inp. volt. range 2
VIN_DIFF_2
RSADC = 7/8
-4
32
mV/V
Diff. inp. volt. range 3
VIN_DIFF_3
RSADC = 3/4
-9
27
mV/V
Diff. inp. volt. range 4
VIN_DIFF_4
RSADC = 1/2
-18
18
mV/V
Sensitivity
SIN
VDDA=5V
50
µV/LSB
Differential input voltage range options @ Input span VIN_SP = 20 mV/V; aIN = 42
Diff. inp. volt. range 1
VIN_DIFF_1
RSADC = 15/16
-1
19
mV/V
Diff. inp. volt. range 2
VIN_DIFF_2
RSADC = 7/8
-2
18
mV/V
Diff. inp. volt. range 3
VIN_DIFF_3
RSADC = 3/4
-5
15
mV/V
Diff. inp. volt. range 4
VIN_DIFF_4
RSADC = 1/2
-10
10
mV/V
Sensitivity
SIN
VDDA=5V
29
µV/LSB
Diff. input offset current
IIN_OFF
-10
10
nA
Note, that the parameter “RSADC” is equal to the former “CRROB”.
3.3.3
Temperature Measurement: Current Sources, on-chip Diode & 12-bit ADC
(4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Current source
ITS
pin / pad VTN
20
40
55
µA
TC current source
(1)
TCI_TS
pin / pad VTN
-2000
2000
ppm/K
Input voltage range
VTN
rel. to VDDB1 = VDDB2
-810
-200
mV
TC forward drop
TCDROP
on-chip temp. sensor
-1.9
-2.1
-2.3
mV/K
Sensitivity
ST
pin / pad VTN
0.84
0.97
1.1
mV/ LSB
3.3
Electrical Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com