Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16245 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVT16245
Description  2.5V/3.3V ALVT 16-bit transceiver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16245 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16245 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16245
2.5V/3.3V 16-bit transceiver (3-State)
1998 Feb 13
7
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V "0.2V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
1
0.5
0.5
1.7
1.9
2.8
2.8
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.5
1.0
3.0
2.3
4.5
3.5
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
1.5
1.0
3.0
2.3
4.6
3.5
ns
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
SKEW DATA
tps (Pin Skew or Transition Skew)
tPS = | tPHL – tPLH |
VCC = 2.3
VCC = 2.5
VCC = 2.7
VCC = 3.0
VCC = 3.3
VCC = 3.6
UNITS
tPS Max
429
469
430
426
267
336
ps
tOST = | tPFm – tPFn |
Where
F is any edge transition (high-to-low or low-to-high)
measured between any two outputs (m or n) within any given
device.
VCC = 2.3
VCC = 2.5
VCC = 2.7
VCC = 3.0
VCC = 3.3
VCC = 3.6
UNITS
tOST nAn-nBn
546
625
586
546
427
397
ps
nBn-nAn
508
547
586
506
427
417
s
NOTE:
One output switching, Temp = 25
°C.
tOSHL, tOSLH, (Common Edge Skew)
tOSHL = | tPHL max – tPHL min | (Output Skew for Low-to-High Transitions)
tOSLH = | tPLH max – tPLH min | (Output Skew for High-to-Low Transitions)
VCC = 2.3
VCC = 2.5
VCC = 2.7
VCC = 3.0
VCC = 3.3
VCC = 3.6
UNITS
tOSLH nAn-nBn
312
312
313
276
267
257
tOSHL nAn-nBn
312
352
352
297
289
267
ps
tOSLH nBn-nAn
235
273
312
274
296
326
s
tOSHL nBn-nAn
234
235
274
248
287
267
NOTE:
One output switching, Temp = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com