Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16245 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVT16245
Description  2.5V/3.3V ALVT 16-bit transceiver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16245 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVT16245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16245
2.5V/3.3V 16-bit transceiver (3-State)
1998 Feb 13
9
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V, VM = VCC/2 at VCC v 2.7V
VX = VOL + 0.3V at VCC w 3.0V, VX = VOL + 0.15V at VCC v 2.7V
VY = VOH – 0.3V at VCC w 3.0V, VY = VOH – 0.15V at VCC v 2.7V
An or Bn
INPUT
Bn or An
OUTPUT
tPLH
VM
3.0V or VCC
whichever
is less
0V
1.5V or VCC/2
VM
VM
VOH
SW00023
tPHL
VOL
VM = 1.5V or VCC/2, whichever is less
Waveform 1. Input to Output Propagation Delays
OE INPUT
tPZH
tPHZ
OUTPUT
VOH
OUTPUT
VOL
tPZL
tPLZ
6.0V or
VCC x 2
0V
VX
VY
3.0V or VCC
whichever
is less
VM
VM
VM
VM
0V
SW00024
Waveform 2. 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
VIN
VOUT
CL
VCC
RL
Test Circuit for 3-State Outputs
VM
VM
tW
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance:
See AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74ALVT16
SWITCH POSITION
TEST
SWITCH
tPLZ/tPZL
6V or VCC x 2
tPLH/tPHL
Open
tPHZ/tPZH
GND
6.0V or VCC x 2
RT
RL
Open
GND
SW00025
D.U.T.
Amplitude
Rep. Rate
tW
tR
tF
3.0V or VCC
whichever
is less
v10MHz
500ns
v2.5ns v2.5ns
VIN
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com