Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16245 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT16245
Description  2.5V/3.3V ALVT 16-bit transceiver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16245 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16245 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16245
2.5V/3.3V 16-bit transceiver (3-State)
1998 Feb 13
8
EXTENDED DATA
TPHL vs TEMP
VCC = 3.3V, one output switching
2.00
1.90
1.80
1.70
1.60
1.50
1.40
1.30
1.20
1.10
1.00
–55
–40
25
85
125
Temperature (
°C)
SA00449
TPLH vs TEMP
VCC = 3.3V, one output switching
2.00
1.90
1.80
1.70
1.60
1.50
1.40
1.30
1.20
1.10
1.00
–55
–40
25
85
125
Temperature (
°C)
SA00450
TPLH vs OUTPUT LOAD
Outputs also loaded with 500 ohms to ground, T= 25
°C
4.00
3.00
2.00
1.00
0.00
50pF
150pF
270pF
Capacitive Load (F)
5.00
6.00
16 Outputs Switching
1 Output Switching
SA00451
TPLH vs NUMBER of OUTPUTS SWITCHING
T = 25
°C, 50pF/500 ohm load
3.50
2.50
2.00
1.50
1.00
18
16
Number of Outputs Switching
4.00
3.00
VCC = 2.3V
VCC = 3.6V
SA00452
TPHL vs NUMBER of OUTPUTS SWITCHING
T = 25
°C, 50pF/500 ohm load
2.60
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
18
16
Number of Outputs Switching
2.80
3.00
VCC = 2.3V
VCC = 3.6V
SA00453
TPHL vs OUTPUT LOAD
Outputs also loaded with 500 ohms to ground, T= 25
°C
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
50pF
150pF
270pF
Capacitive Load (pF)
16 Outputs Swicthing
1 Output Switching
SA00454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com