Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16374 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT16374
Description  2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16374 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16374 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16374
2.5V/3.3V 16-bit edge-triggered D-type flip-flop
(3-State)
1999 Oct 18
8
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
VCC = 3.3V ±0.3V
UNIT
MIN
TYP
MIN
TYP
tS(H)
tS(L)
Setup time
nDx to nCP
2
1.0
1.5
0
0.4
1.0
1.5
0
0
ns
th(H)
th(L)
Hold time
nDx to nCP
2
0.5
0.5
0
0
0.5
0.5
0
0
ns
tW(H)
tw(L)
nCP pulse width
High or Low
1
1.5
1.5
1.5
1.5
ns
AC WAVEFORMS
VM = 1.5V for VCC w 3.0V; VM = VCC/2 for VCC v 2.7V
VX = VOL + 0.3V for VCC w 3.0V; VX = VOL + 0.15V for VCC v 2.7V
VY = VOH – 0.3V for VCC w 3.0V; VY = VOH – 0.15V for VCC v 2.7V
VM
VM
VM
VM
VM
tw(H)
tPHL
tPLH
nCP
nQx
SW00168
0V
VOH
VOL
1/fMAX
tW(L)
3.0V or VCC
whichever
is less
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
NOTE: The shaded areas indicate when the input is per-
mitted to change for predictable output performance.
VM
nDx
VM
VM
VM
VM
nCP
ts(H)
th(H)
ts(L)
th(L)
SW00169
VM
0V
0V
3.0V or VCC
whichever
is less
3.0V or VCC
whichever
is less
Waveform 2. Data Setup and Hold Times
nOE
VM
tPZH
tPHZ
0V
nQx
VM
VM
SW00170
0V
VY
VOH
3.0V or VCC
whichever
is less
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
nOE
tPZL
tPLZ
0V
nQx
VM
VM
VM
SW00171
VOL
VX
3.0V or VCC
whichever
is less
3.0V or VCC
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com