Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16374 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16374
Description  2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16374 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16374 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16374
2.5V/3.3V 16-bit edge-triggered D-type flip-flop
(3-State)
2
1999 Oct 18
853-1844 22537
FEATURES
• 16-bit edge-triggered flip-flop
• 5V I/O compatibile
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ALVT16374 is a high-performance BiCMOS product
designed for VCC operation at 2.5V or 3.3V with I/O compatibility up
to 5V.
This device is a 16-bit edge-triggered D-type flip-flop featuring
non-inverting 3-State outputs. The device can be used as two 8-bit
flip-flops or one 16-bit flip-flop. On the positive transition of the clock
(CP), the Q outputs of the flip-flop take on the logic levels set up at
the D inputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nCP to nQx
CL = 50pF
2.6
2.8
2.1
2.3
ns
CIN
Input capacitance DIR, OE
VI = 0V or VCC
3
3
pF
COut
Output capacitance
Outputs disabled; VO = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
40
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT16374 DL
AV16374 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16374 DGG
AV16374 DGG
SOT362-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com