Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16374 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVT16374
Description  2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16374 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVT16374 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips
Semiconductors
74ALVT16374
2.5V/3.3V 16-bit edge-triggered
D-type flip-flop (3-State)
Product specification
Supersedes data of 1998 Feb 13
IC23 Data Handbook
1999 Oct 18
INTEGRATED CIRCUITS


Similar Part No. - 74ALVT16374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74ALVT16373DGG PHILIPS-74ALVT16373DGG Datasheet
99Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74ALVT16373DGG NEXPERIA-74ALVT16373DGG Datasheet
243Kb / 14P
16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74ALVT16373DL PHILIPS-74ALVT16373DL Datasheet
99Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
More results

Similar Description - 74ALVT16374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Texas Instruments
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_04 Datasheet
300Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com