Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502T40/Y Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1502T40/Y
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T40/Y Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1502T40/Y Datasheet HTML 2Page - Microchip Technology MCP1502T40/Y Datasheet HTML 3Page - Microchip Technology MCP1502T40/Y Datasheet HTML 4Page - Microchip Technology MCP1502T40/Y Datasheet HTML 5Page - Microchip Technology MCP1502T40/Y Datasheet HTML 6Page - Microchip Technology MCP1502T40/Y Datasheet HTML 7Page - Microchip Technology MCP1502T40/Y Datasheet HTML 8Page - Microchip Technology MCP1502T40/Y Datasheet HTML 9Page - Microchip Technology MCP1502T40/Y Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP1502
DS20006593A-page 6
 2021 Microchip Technology Inc. and its subsidiaries
Load Regulation
VOUT/IOUT
—5 ppm –
source
70 ppm –
source
ppm/mA ILOAD <+5mA
Dropout Voltage
VDO
——
200
mV
-5 mA < ILOAD <+5 mA
Power Supply Rejection Ratio
PSRR
—
94
—
dB
All device options,
VIN =5.5V,
60 Hz at 100 mVP-P
Shutdown (Note 3)
VIL
—1.35
—
V
VIN = 5V, refer to
Section 1.3 “Shutdown
Pin (SHDN)”
VIH
—3.80
—
V
Output Voltage Hysteresis
ΔVOUT_HYST
—
300 µV
—
Refer to Section 2.1.9
“Output Voltage
Hysteresis” for additional
details on testing conditions
Output Noise
MCP1502-10
eN
—18
—
µVPP
0.1 Hz to 10 Hz, TA =+25C
—30
—
µVRMS 10 Hz to 10 kHz, TA =+25C
MCP1502-40
eN
—57
—
µVPP
0.1 Hz to 10 Hz, TA =+25C
—97
—
µVRMS 10 Hz to 10 kHz, TA =+25C
Maximum Load Current
ILOAD
—±20
—
mA
TA = +25°C, all device
options
Supply Current
IDD
—
140
550
µA
No load
—
—
350
No load, TA = +25°C
Shutdown Current
ISHDN
—
205
—
nA
TA = +25°C, all device
options
TABLE 2-2:
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all parameters apply at VDD = VDD(MIN) to 5.5V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistance
Thermal Resistance for 6-Lead SOT-23
JA
—
+190.5
—
°C/W
TABLE 2-1:
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD(MIN) VDD  5.5V at -40C  TA  +125C.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: On rising VDD, the voltage at which the device internal Reset will get released.
2: On dropping VDD, the voltage at which the internal Reset circuit will reset. On dropping VDD, it is
recommended to bring the VDD below this voltage to get a proper Reset.
3: Before using the SHDN pin, the device should first be powered up. Once the device is fully powered up, then
the Shutdown pin can be used.
4: µVPP is six times the value of µVRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com