Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502T40/Y Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1502T40/Y
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T40/Y Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1502T40/Y Datasheet HTML 4Page - Microchip Technology MCP1502T40/Y Datasheet HTML 5Page - Microchip Technology MCP1502T40/Y Datasheet HTML 6Page - Microchip Technology MCP1502T40/Y Datasheet HTML 7Page - Microchip Technology MCP1502T40/Y Datasheet HTML 8Page - Microchip Technology MCP1502T40/Y Datasheet HTML 9Page - Microchip Technology MCP1502T40/Y Datasheet HTML 10Page - Microchip Technology MCP1502T40/Y Datasheet HTML 11Page - Microchip Technology MCP1502T40/Y Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP1502
DS20006593A-page 8
 2021 Microchip Technology Inc. and its subsidiaries
2.1.6
LOAD REGULATION
An ideal voltage reference will maintain the specified
output voltage regardless of the load’s current demand.
However, real devices experience a small error voltage
that deviates from the specified output voltage when a
load is present.
Load regulation is defined as the voltage difference
when under no load (VOUT @ IOUT|0) and under maxi-
mum load (VOUT @ IOUT|MAX), and is expressed as a
percentage, as shown in Equation 2-7.
EQUATION 2-7:
Similar to line regulation, load regulation may also be
expressed as %/mA or in ppm/mA, as shown in
Equation 2-8 and Equation 2-9, respectively.
EQUATION 2-8:
EQUATION 2-9:
As an example, if the MCP1502-20 is implemented in a
design and a 10 μV change in output voltage is
measured from a 2 mA change in the output load, then
the error in percent, ppm/mA, is as shown in
Equation 2-10 and Equation 2-11.
EQUATION 2-10:
EQUATION 2-11:
2.1.7
POWER SUPPLY REJECTION
RATIO (PSRR)
Power Supply Rejection Ratio (PSRR) is a measure of
the change in Output Voltage (ΔVOUT) relative to the
change in Input Voltage (ΔVIN) over frequency.
2.1.8
LONG-TERM DRIFT
The long-term output stability is measured by exposing
the devices to an ambient temperature of +25°C.
2.1.9
OUTPUT VOLTAGE HYSTERESIS
The output voltage hysteresis is a measure of the out-
put voltage error after the powered devices are cycled
over the entire operating temperature range. The
amount of hysteresis can be quantified by measuring
the change in the +25°C output voltage after tempera-
ture excursions from +25°C to +125°C to +25°C, and
also from +25°C to -40°C to +25°C.
2.1.10
LAYOUT CONSIDERATION FOR
LOAD REGULATION
For applications which require high currents and/or
highly variable currents, the PCB layout is important for
minimizing the load coefficient (variation in output
voltage vs. load current) of the device. Of particular
importance is the grounding of the device to a large
ground plane with good thermal mass. The MCP1502
should not be placed on a small daughter card, or con-
nected to ground via long traces or single vias if the
load coefficient is to be optimized; the additional power
dissipation caused by the high load current will cause a
small change in the output voltage due to self-heating
of the device.
For systems with high ground currents, variations in the
local ground can also be a source of the load coefficient.
These are usually solved by ensuring the local ground for
the device is shared with the Point-of-Load (POL). In
some cases, it may be necessary to ensure the device
ground is specifically Kelvin sourced from the
Point-of-Load, such that a zero IR drop from unassociated
circuitry is seen on the device output voltage.
VOUT @ IOUT|0 VOUT @ IOUT|MAX
–
VOUT @ IOUT|0
-------------------------------------------------------------------------------------------------------------- 100%
% Load Regulation
=
V
OUT
VOUT NOM

-----------------------------------



I
OUT
----------------------------------------- 100%
%
mA
-------- Load Regulation
=
V
OUT
VOUT NOM

-----------------------------------



I
OUT
----------------------------------------- 10
6
ppm
mA
----------- Load Regulation
=
2.048V 2.04799V
–
2.04799V
-----------------------------------------------100%
.
=
0004882%
V
OUT
VOUT NOM

------------------------------------



I
OUT
------------------------------------------
10
6
10
V
2.048V
-----------------


2 mA
-----------------------





10
6
2.441
ppm
mA
-----------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com