Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1502T40/Y Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1502T40/Y
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T40/Y Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1502T40/Y Datasheet HTML 8Page - Microchip Technology MCP1502T40/Y Datasheet HTML 9Page - Microchip Technology MCP1502T40/Y Datasheet HTML 10Page - Microchip Technology MCP1502T40/Y Datasheet HTML 11Page - Microchip Technology MCP1502T40/Y Datasheet HTML 12Page - Microchip Technology MCP1502T40/Y Datasheet HTML 13Page - Microchip Technology MCP1502T40/Y Datasheet HTML 14Page - Microchip Technology MCP1502T40/Y Datasheet HTML 15Page - Microchip Technology MCP1502T40/Y Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP1502
DS20006593A-page 12
 2021 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise specified, maximum values are: VDD(MIN) VDD  5.5V at TA = +25°C.
FIGURE 3-19:
MCP1502 Output Voltage
Histogram, VDD =5.5V.
FIGURE 3-20:
Fast Ramp Start-up @ +25°C
for All Options.
FIGURE 3-21:
Slow Ramp Start-up @ +25°C
for All Options.
FIGURE 3-22:
IDD Turn-On Transient
Response.
FIGURE 3-23:
Shutdown Low-to-High Slow
Ramp Turn-On Transient Response @ +25°C for
All Options.
FIGURE 3-24:
Load Regulation Transient
Response @ +25°C for All Options.
45 Units
VDD =5.5V
MCP1502-25
200 μs/div
Start-up time consists of
e-Fuse read and Power-On Reset
V
DD
MCP150 -40
MCP150 -33
MCP150 -30
MCP150 -25
MCP150 -20
MCP150 -18
MCP150 -12
MCP150 -10
10 ms/div
V
DD
MCP150 -40
MCP150 -33
MCP150 -30
MCP150 -25
MCP150 -20
MCP150 -18
MCP150 -12
MCP150 -10
10 ms/div
V
DD (5V/div)
I
DD (50 μA/div)
10 ms/div
V
IH = 3.8V
Shutdown Pin Voltage (2V/div)
V
REF (1V/div)
MCP150 -40
MCP150 -33
MCP150 -30
MCP150 -25
MCP150 -20
MCP150 -18
MCP150 -12
MCP150 -10
V
IL = 0V
ILOAD (10 mA/div)
VREF (100 mV/div)
5mA
Sinking
5mA
Sourcing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com