Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256T-E/CS16K Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC256T-E/CS16K
Description  256K I2C Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-E/CS16K Datasheet(HTML) 1 Page - Microchip Technology

  24LC256T-E/CS16K Datasheet HTML 1Page - Microchip Technology 24LC256T-E/CS16K Datasheet HTML 2Page - Microchip Technology 24LC256T-E/CS16K Datasheet HTML 3Page - Microchip Technology 24LC256T-E/CS16K Datasheet HTML 4Page - Microchip Technology 24LC256T-E/CS16K Datasheet HTML 5Page - Microchip Technology 24LC256T-E/CS16K Datasheet HTML 6Page - Microchip Technology 24LC256T-E/CS16K Datasheet HTML 7Page - Microchip Technology 24LC256T-E/CS16K Datasheet HTML 8Page - Microchip Technology 24LC256T-E/CS16K Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 1998-2019 Microchip Technology Inc.
DS20001203W-page 1
24AA256/24LC256/24FC256
Device Selection Table
Features
• Single Supply with Operation Down to 1.7V for
24AA256 and 24FC256 Devices, 2.5V for
24LC256 Devices
• Low-Power CMOS Technology:
- Write current: 3 mA, maximum
- Standby current: 1 µA maximum (I-temp.)
• Two-Wire Serial Interface, I2C Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz, 400 kHz and 1 MHz Compatibility
• Page Write Time: 5 ms, maximum
• Self-Timed Erase/Write Cycle
• 64-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4000V
• More than One Million Erase/Write Cycles
• Data Retention >200 years
• Factory Programming Available
• RoHS Compliant
• Temperature Ranges:
• Automotive AEC-Q100 Qualified
Packages
• 8-Lead DFN, 8-Lead MSOP, 8-Lead PDIP,
8-Lead SOIC, 8-Lead SOIJ, 8-Lead TDFN,
8-Lead TSSOP and 8-Ball CSP
Description
The Microchip Technology Inc. 24XX256(1) is a 32K x 8
(256 Kbit) Serial Electrically Erasable PROM, capable
of operation across a broad voltage range (1.7V to
5.5V). It has been developed for advanced, low-power
applications such as personal communications or data
acquisition. This device also has a page write capability
of up to 64 bytes of data. This device is capable of both
random and sequential reads up to the 256K boundary.
Functional address lines allow up to eight devices on
the same bus, for up to 2 Mbit address space.
Package Types
Part Number
VCC Range
Max. Clock Frequency
Temp. Ranges
Available Packages
24AA256
1.7V-5.5V
400 kHz(1)
I, E
MF, MS, P, SN, SM, MNY, ST, CS
24LC256
2.5V-5.5V
400 kHz
I, E
MF, MS, P, SN, SM, MNY, ST
24FC256
1.7V-5.5V
1 MHz(2)
I
MF, MS, P, SN, SM, MNY, ST
Note 1: 100 kHz for VCC <2.5V.
2: 400 kHz for VCC <2.5V.
- Industrial (I):
-40
C to +85C
- Extended (E):
-40
C to +125C
Note 1: 24XX256 is used in this document as a
generic part number for the 24AA256/
24LC256/24FC256 devices.
8-Ball CSP
1
2
3
45
6
7
8
VCC A1 A0
WP
A2
SDA SCL VSS
1
2
3
4
8
7
6
5
8-Lead SOIC/SOIJ/TSSOP
8-Lead DFN/TDFN
VSS
WP
SCL
SDA
VCC
(Top View)
(Top View)
1
2
3
4
8
7
6
5
8-Lead PDIP/MSOP
(Top View)
WP
SCL
SDA
VCC
1
2
3
4
8
7
6
5
WP
SCL
SDA
VCC
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
A0
A1
A2
VSS
A0
A1
A2
(Top View)
Note 1:
Pins A0 and A1 are no connects for the MSOP package only.
(1)
256K I2C Serial EEPROM


Similar Part No. - 24LC256T-E/CS16K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC256T-E/MF MICROCHIP-24LC256T-E/MF Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256T-E/MF MICROCHIP-24LC256T-E/MF Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24LC256T-E/MFG MICROCHIP-24LC256T-E/MFG Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256T-E/MS MICROCHIP-24LC256T-E/MS Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256T-E/MS MICROCHIP-24LC256T-E/MS Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
More results

Similar Description - 24LC256T-E/CS16K

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256 MICROCHIP-24AA256_05 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
24AA256UID MICROCHIP-24AA256UID Datasheet
575Kb / 28P
256K I2C??Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com