Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS8610BMDA0ES Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MFS8610BMDA0ES
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS8610BMDA0ES Datasheet(HTML) 5 Page - NXP Semiconductors

  MFS8610BMDA0ES Datasheet HTML 1Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 2Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 3Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 4Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 5Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 6Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 7Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 8Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NXP Semiconductors
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
Package
Part Number[1]
Application
ASIL
Name
Description
Version
MFS8610BMBA0ES[2]
MFS8611BMBA0ES[2]
MFS8612BMBA0ES[2]
MFS8613BMBA0ES[2]
MFS8600BMDA0ES[2]
MFS8601BMDA0ES[2]
MFS8602BMDA0ES[2]
MFS8603BMDA0ES[2]
MFS8610BMDA0ES[2]
MFS8611BMDA0ES[2]
MFS8612BMDA0ES[2]
MFS8613BMDA0ES[2]
D
MFS8620BMBA0ES[2]
MFS8621BMBA0ES[2]
MFS8622BMBA0ES[2]
MFS8623BMBA0ES[2]
MFS8630BMBA0ES[2]
MFS8631BMBA0ES[2]
MFS8632BMBA0ES[2]
MFS8633BMBA0ES[2]
B
MFS8620BMDA0ES[2]
MFS8621BMDA0ES [2]
MFS8622BMDA0ES[2]
MFS8623BMDA0ES[2]
MFS8630BMDA0ES[2]
MFS8631BMDA0ES[2]
MFS8632BMDA0ES[2]
MFS8633BMDA0ES[2]
12 V battery
network
D
PFS8613AMDA0ES[3]
PFS8613BMDA0ES[4]
12 V or 24 V
battery network
B or D
Table 2. Ordering information...continued
[1]
To order parts in tape and reel, add the R2 suffix to the part number.
[2]
Production part number available only after product qualification (A1 silicon pass).
[3]
Superset part number that can cover all features for prototype ordering (A0 silicon pass/obsolete).
[4]
Superset part number that can cover all features for prototype ordering (A1 silicon pass).
Part numbers ending with A0 OTP code are non-programmed OTP configuration. Pre-
programmed OTP configurations are managed through part number extension. For a
custom OTP configuration, contact your local NXP sales representative.
FS8600_SDS
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product short data sheet
Rev. 2.0 — 7 December 2022
5 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com