Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS8610BMDA0ES Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MFS8610BMDA0ES
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS8610BMDA0ES Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MFS8610BMDA0ES Datasheet HTML 6Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 7Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 8Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 9Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 10Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 11Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 12Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 13Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NXP Semiconductors
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
8 Maximum ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Symbol
Conditions
Parameter
Min
Max
Unit
Voltage ratings of 24 V network application part numbers (see Table 2)
VSUP1/2
DC voltage
VSUP1,2 pins
−0.3
60
V
WAKE1/2
DC voltage
WAKE1,2 pins
(external series resistor mandatory)
−1.0
60
V
FS0B
DC voltage
FS0B pin
−0.3
60
V
BAT_SW
DC voltage
BAT_SW pin
−0.3
60
V
DC voltage
−2.0
60
PRE_SW
Transient voltage < 20 ns
PRE_SW pin
−3.0
60
V
PRE_GHS, PRE_BOOT
DC voltage
PRE_GHS, PRE_BOOT pins
−0.3
65.5
V
Voltage ratings of 12 V network application part numbers (see Table 2)
VSUP1/2
DC voltage
VSUP1,2 pins
−0.3
36
V
WAKE1/2
DC voltage
WAKE1,2 pins
(external series resistor mandatory)
−1.0
36
V
FS0B
DC voltage
FS0B pin
−0.3
36
V
BAT_SW
DC voltage
BAT_SW pin
−0.3
36
V
DC voltage
−2.0
36
PRE_SW
Transient voltage < 20 ns
PRE_SW pin
−3.0
36
V
PRE_GHS, PRE_BOOT
DC voltage
PRE_GHS, PRE_BOOT pins
−0.3
41.5
V
Voltage ratings of general pins
BOOST_LS
DC voltage
BOOST_LS pin
−0.3
8.5
V
VBOOST
DC voltage
VBOOST pin
−0.3
6.5
V
DC voltage
−1.0
5.5
BUCK_IN
Transient voltage < 3 µs
BUCK_IN pin
−1.0
6.5
V
BUCK_SW
Transient voltage < 20 ns
BUCK_SW pin
−0.3
6.5
V
VMONx
DC voltage
VMONx_DAC 1-3, VMONy_RES 5-9
−0.3
36
V
DBG
DC voltage
DBG pin
−0.3
10
V
All other pins
DC voltage
at all other pins
−0.3
5.5
V
Table 4. Maximum ratings
FS8600_SDS
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product short data sheet
Rev. 2.0 — 7 December 2022
10 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com