Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS8610BMDA0ES Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MFS8610BMDA0ES
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS8610BMDA0ES Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MFS8610BMDA0ES Datasheet HTML 4Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 5Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 6Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 7Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 8Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 9Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 10Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 11Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NXP Semiconductors
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
Pin
Name
Type
Description
11
BUCK_FB
Analog input
Low voltage buck voltage feedback.
12
VMON7_RES
Analog input
External resistor bridge voltage monitoring input #7
13
FS0B
Digital output
Fail-safe output 0. Active low. Open drain structure.
14
VMON8_RES
Analog input
External resistor bridge voltage monitoring input #8
15
VMON1_DAC
Analog input
DAC voltage monitoring input #1
16
PGOOD
Digital output
Power good output
17
RSTB
Digital input/output
Reset output. Active low. The main function is to reset the MCU.
Reset input voltage is monitored in order to detected external
reset and fault condition.
18
VMON2_DAC
Analog input
DAC voltage monitoring input #2
19
VMON3_DAC
Analog input
DAC voltage monitoring input #3
20
VMON9_RES
Analog input
External resistor bridge voltage monitoring input #9. Exclusive with
FIN (OTP)
20
FIN
Digital input
Frequency synchronization input. Exclusive with VMON9_RES
(OTP)
21
GNDFS
Ground
Fail-safe ground
22
GND
Ground
Main ground
23
XFAILB
Digital input/output
Power synchronization input/output with NXP low voltage PMIC
24
AMUX
Analog output
Multiplexed output to be connected to an MCU ADC with selection
of the analog parameter thru I2C.
25
FOUT
Digital output
Frequency synchronization output or digital output (OTP)
26
VMON0_I2C
Analog input
Input voltage for FIN, AMUX, I2C, INTB, FCCU, ERRMON.
Internal resistor bridge voltage monitoring input #0
27
SCL
Digital input
I2C Bus. Clock input
28
SDA
Digital input/output
I2C Bus. Bidirectional data line
29
INTB
Digital output
Interrupt output
30
PRE_COMP
Analog input
VPRE compensation network and negative current sense input
31
VMON5_RES
Analog input
External resistor bridge voltage monitoring input #5
32
PRE_BOOT
Analog input/output
VPRE bootstrap capacitor
33
PRE_GHS
Analog output
VPRE high side gate driver for external MOSFET
34
PRE_SW
Analog output
VPRE switching node
35
PRE_GLS
Analog output
VPRE low side gate driver for external MOSFET
36
ERRMON
Digital input
External IC error monitoring input
37
PRE_CSN
Analog input
VPRE negative current sense input
38
PRE_CSP
Analog input
VPRE positive current sense input
39
PRE_FB
Analog input
VPRE voltage feedback.
40
VBOS
Analog output
Best of supply output voltage
41
WAKE1
Digital/Analog input
Wake up input 1 (thru ext. serial resistor)
Table 3. Pin description...continued
FS8600_SDS
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product short data sheet
Rev. 2.0 — 7 December 2022
8 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com