Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2138 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2138
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2138 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2138 Datasheet HTML 1Page - Diodes Incorporated AP2138 Datasheet HTML 2Page - Diodes Incorporated AP2138 Datasheet HTML 3Page - Diodes Incorporated AP2138 Datasheet HTML 4Page - Diodes Incorporated AP2138 Datasheet HTML 5Page - Diodes Incorporated AP2138 Datasheet HTML 6Page - Diodes Incorporated AP2138 Datasheet HTML 7Page - Diodes Incorporated AP2138 Datasheet HTML 8Page - Diodes Incorporated AP2138 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
AP2138/2139
Document number: DS37428 Rev. 5 - 2
1 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP2138/2139
ULTRA LOW QUIESCENT CURRENT CMOS LDO
Description
The AP2138/2139 series are CMOS-based positive voltage regulator
ICs. Each of these ICs consists of a voltage reference, an error
amplifier, a resistor network for setting output voltage and a current
limit circuit for current protection.
The difference between AP2138 and AP2139 is the AP2139 has an
enable circuit with a quick discharge function.
These ICs feature high output voltage accuracy, extremely low
quiescent current and low dropout voltage which make them ideal for
use in various power sources for portable applications.
The AP2138/2139 series have 1.2V, 1.4V, 1.5V, 1.8V, 2.1V, 2.2V,
2.5V, 2.8V, 3.0V, 3.3V, 3.6V and 4.0V fixed output voltage versions.
The AP2138 series is available in SOT-23-3 and SOT-89 packages,
AP2139 series is available in SOT-23-5 package.
Features
Ultra-Low Quiescent Current: 1.0µA Typical
Output Voltages: 1.2V, 1.4V, 1.5V, 1.8V, 2.1V, 2.2V, 2.5V, 2.8V,
3.0V, 3.3V, 3.6V and 4.0V
High Output Voltage Accuracy: ±2%
Output Current: 250mA
Low Dropout Voltage:
25mV Typical at IOUT = 10mA and VOUT = 3V
200mV Typical at IOUT = 100mA and VOUT = 3V
Line Regulation: 6mV Typical
Load Regulation: 25mV Typical
Low Output Voltage Temperature Coefficient: ±100ppm/°C
Low Standby Current: 0.1µA Typical (AP2139)
Active Quick Output Discharge (AP2139)
Logic-Controlled Enable (AP2139)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Battery Powered Equipment
Reference Voltage Sources
Cameras, Video Cameras
Portable AV Systems
Mobile Phones
Communication Tools
Portable Games
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Top View)
(Top View)
(Top View)
SOT-23-3
SOT-23-5
SOT-89 (Option 1)/ R Package
3
2
1
VIN
VOUT
GND
VIN
VOUT
GND
1
2
3
4
5
CE
NC
VIN
VOUT
GND
1
2
3


Similar Part No. - AP2138

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
954Kb / 23P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138N-1.4TRG1 BCDSEMI-AP2138N-1.4TRG1 Datasheet
954Kb / 23P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138N-1.4TRG1 BCDSEMI-AP2138N-1.4TRG1 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
More results

Similar Description - AP2138

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
logo
BCD Semiconductor Manuf...
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
954Kb / 23P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
500mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com