Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2138 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP2138
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2138 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP2138 Datasheet HTML 14Page - Diodes Incorporated AP2138 Datasheet HTML 15Page - Diodes Incorporated AP2138 Datasheet HTML 16Page - Diodes Incorporated AP2138 Datasheet HTML 17Page - Diodes Incorporated AP2138 Datasheet HTML 18Page - Diodes Incorporated AP2138 Datasheet HTML 19Page - Diodes Incorporated AP2138 Datasheet HTML 20Page - Diodes Incorporated AP2138 Datasheet HTML 21Page - Diodes Incorporated AP2138 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AP2138/2139
Document number: DS37428 Rev. 5 - 2
18 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP2138/2139
Performance Characteristics (continued)
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Dropout Voltage vs. Output Current
Dropout Voltage vs. Junction Temperature
Line Transient (VIN=4.3V to 5.3V, IOUT=10mA)
Load Transient (VIN=4.3V, IOUT=1mA to 150mA)
0
50
100
150
200
250
300
350
400
450
500
550
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
J
=-40
oC
T
J
=25
oC
T
J
=85
oC
AP2138-3.3
V
IN
=4.3V
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
550
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
AP2138-3.3
T
J
=25
oC
Output Current (mA)
V
IN
=3.8V
V
IN
=4.3V
V
IN
=6V
V
IN
=6.5V
0
25
50
75
100
125
150
175
200
225
250
0
50
100
150
200
250
300
350
400
450
500
550
600
AP2138-3.3
Output Current (mA)
T
J
=-40
oC
T
J
=25
oC
T
J
=85
oC
-40
-20
0
20
40
60
80
0
50
100
150
200
250
300
350
400
450
500
550
I
OUT
=250mA
I
OUT
=200mA
I
OUT
=150mA
I
OUT
=100mA
AP2138-3.3
Junction Temperature (
oC)
I
OUT
=10mA
VIN
500mV/div
VOUT
200mV/div
Time 100µs/div
VOUT
1V/div
IOUT
50mA/div
Time 2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com