Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2138 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP2138
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2138 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP2138 Datasheet HTML 17Page - Diodes Incorporated AP2138 Datasheet HTML 18Page - Diodes Incorporated AP2138 Datasheet HTML 19Page - Diodes Incorporated AP2138 Datasheet HTML 20Page - Diodes Incorporated AP2138 Datasheet HTML 21Page - Diodes Incorporated AP2138 Datasheet HTML 22Page - Diodes Incorporated AP2138 Datasheet HTML 23Page - Diodes Incorporated AP2138 Datasheet HTML 24Page - Diodes Incorporated AP2138 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AP2138/2139
Document number: DS37428 Rev. 5 - 2
21 of 29
www.diodes.com
August 2019
© Diodes Incorporated
AP2138/2139
Ordering Information (continued)
Package
Temperature
Range
Condition
Part Number
Marking ID
Packing
SOT-89
-40 to +85°C
1.2V (RA) (NRND)(Note 7)
AP2138RA-1.2TRG1
J2K
1000/Tape & Reel
1.4V (RA) (NRND)(Note 7)
AP2138RA-1.4TRG1
J2M
1000/Tape & Reel
1.5V (RA) (NRND)(Note 7)
AP2138RA-1.5TRG1
J2N
1000/Tape & Reel
1.8V (RA) (NRND)(Note 7)
AP2138RA-1.8TRG1
J2P
1000/Tape & Reel
2.5V (RA) (NRND)(Note 7)
AP2138RA-2.5TRG1
J2R
1000/Tape & Reel
2.8V (RA) (NRND)(Note 7)
AP2138RA-2.8TRG1
J2S
1000/Tape & Reel
3.0V (RA) (NRND)(Note 7)
AP2138RA-3.0TRG1
J2T
1000/Tape & Reel
3.3V (RA) (NRND)(Note 7)
AP2138RA-3.3TRG1
J2U
1000/Tape & Reel
SOT-23-5
-40 to +85°C
Active High with Built-in
Resistor
AP2139AK-1.2TRG1
J2A
3000/Tape & Reel
Active High with Built-in
Resistor
AP2139AK-1.4TRG1
J2B
3000/Tape & Reel
Active High with Built-in
Resistor
AP2139AK-1.5TRG1
J2C
3000/Tape & Reel
Active High with Built-in
Resistor
AP2139AK-1.8TRG1
J2D
3000/Tape & Reel
Active High with Built-in
Resistor
AP2139AK-2.5TRG1
J2E
3000/Tape & Reel
Active High with Built-in
Resistor
AP2139AK-2.8TRG1
J2F
3000/Tape & Reel
Active High with Built-in
Resistor
AP2139AK-3.0TRG1
J2G
3000/Tape & Reel
Active High with Built-in
Resistor
AP2139AK-3.3TRG1
J2H
3000/Tape & Reel
Note 7:
NRND: Not Recommended for New Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com