Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16841 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVT16841
Description  2.5V/3.3V ALVT 20-bit bus interface latch 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16841 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVT16841 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16841 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16841
2.5V/3.3V 20-bit bus interface latch (3-State)
1998 Feb 13
4
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
55, 54, 52, 51, 49,
48, 47, 45, 44, 43
42, 41, 40, 38, 37,
36, 34, 33, 31, 30
1D0 – 1D9
2D0 – 2D9
Data inputs
2, 3, 5, 6, 8, 9, 10,
12, 13, 14
15, 16, 17, 19, 20,
21, 23, 24, 26, 27
1Q0 – 1Q9
2Q0 – 2Q9
Data outputs
1, 28
1OE, 2OE
Output enable inputs
(active-Low)
56, 29
1LE, 2LE
Latch enable inputs
(active rising edge)
4, 11, 18, 25, 32,
39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply
voltage
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
nOE
nLE
nDx
nQ0 – nQ9
OPERATING MODE
L
L
H
H
L
H
L
H
Transparent
L
L
↓
↓
l
h
L
H
Latched
H
X
X
Z
High impedance
L
L
X
NC
Hold
H = High voltage level
h
= High voltage level one set-up time prior to the High-to-Low LE
transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the High-to-Low LE
transition
↓ = High-to-Low LE transition
NC= No change
X = Don’t care
Z = High impedance “off” state
LOGIC DIAGRAM
LQ
D
nD0
nQ0
nLE
nOE
D
nD1
nQ1
D
nD2
nQ2
D
nD3
nQ3
D
nD4
nQ4
D
nD5
nQ5
D
nD6
nQ6
D
nD7
nQ7
D
nD8
nQ8
D
nD9
nQ9
SH00024
L
Q
L
Q
LQ
LQ
L
Q
LQ
LQ
L
Q
LQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com